Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 11Page - National Semiconductor (TI) LM81 Datasheet HTML 12Page - National Semiconductor (TI) LM81 Datasheet HTML 13Page - National Semiconductor (TI) LM81 Datasheet HTML 14Page - National Semiconductor (TI) LM81 Datasheet HTML 15Page - National Semiconductor (TI) LM81 Datasheet HTML 16Page - National Semiconductor (TI) LM81 Datasheet HTML 17Page - National Semiconductor (TI) LM81 Datasheet HTML 18Page - National Semiconductor (TI) LM81 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Functional Description (Continued)
The power supply bypass, the parallel combination of 10 µF
(electrolytic or tantalum) and 0.1 µF (ceramic) bypass ca-
pacitors connected between pin 12 and ground, should also
be located as close as possible to the LM81.
6.0 FAN INPUTS
The FAN1 and FAN2 inputs accept signals from fans
equipped with tachometer outputs. These are logic-level in-
puts with an approximate threshold of V
+/2. Signal condition-
ing in the LM81 accommodates the slow rise and fall times
typical of fan tachometer outputs. The maximum input signal
range is 0 to V
+. In the event these inputs are supplied from
fan outputs which exceed 0 to V
+, either resistive division or
diode clamping must be included to keep inputs within an ac-
ceptable range, as shown in
Figure 7. R2 is selected so that
it does not develop excessive voltage due to input leakage.
R1 is selected based on R2 to provide a minimum input of 2V
and a maximum of V
+. R1 should be as low as possible to
provide the maximum possible input up to V
+ for best noise
immunity. Alternatively, use a shunt reference or zener diode
to clamp the input level.
If fans can be powered while the power to the LM81 is off,
the LM81 inputs will provide diode clamping. Limit input cur-
rent to the Input Current at Any Pin specification shown in the
ABSOLUTE MAXIMUM RATINGS section. In most cases,
open collector outputs with pull-up resistors inherently limit
this current. If this maximum current could be exceeded, ei-
ther a larger pull up resistor should be used or resistors con-
nected in series with the fan inputs.
The Fan Inputs gate an internal 22.5 kHz oscillator for one
period of the Fan signal into an 8-bit counter (maximum
count = 255). The default divisor, located in the VID/Fan Di-
visor Register, is set to 2 (choices are 1, 2, 4, and 8) provid-
ing a nominal count of 153 for a 4400 rpm fan with two
pulses per revolution. Typical practice is to consider 70% of
normal RPM a fan failure, at which point the count will be
219.
Determine the fan count according to:
Note that Fan 1 and Fan 2 Divisors are programmable via
the VID/Fan Divisor Register.
Fan tachometer outputs that provide one pulse per revolu-
tion should use a divisor setting twice that of outputs that
provide two pulses per revolution. For example, a 4400 RPM
fan that provides one pulse per revolution should have the
divisor set to 4 such that the nominal counter output is 153.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com