Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 7Page - National Semiconductor (TI) LM81 Datasheet HTML 8Page - National Semiconductor (TI) LM81 Datasheet HTML 9Page - National Semiconductor (TI) LM81 Datasheet HTML 10Page - National Semiconductor (TI) LM81 Datasheet HTML 11Page - National Semiconductor (TI) LM81 Datasheet HTML 12Page - National Semiconductor (TI) LM81 Datasheet HTML 13Page - National Semiconductor (TI) LM81 Datasheet HTML 14Page - National Semiconductor (TI) LM81 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Functional Description (Continued)
2.1 Internal Registers of the LM81
TABLE 1. The internal registers and their corresponding internal LM81 addresses are as follows:
Register
LM81 Internal Hex
Address
Power on
Value
Notes
Configuration Register
40h
0000 1000
Interrupt Status Register 1
41h
0000 0000
Interrupt Status Register 2
42h
0000 0000
Interrupt Mask Register 1
43h
0000 0000
Interrupt Mask Register 2
44h
0000 0000
CI Clear Register
46h
0000 0000
VID/Fan Divisor Register
47h
0101 XXXX
The upper four bits set the divisor for Fan Counters 1
and 2. The lower four bits reflect the state of the
VID0-VID3 inputs.
Serial Bus Address Register
48h
0010 11XX
The lower 2 bits reflect the state of A1 and A0, the
Serial Bus address input pins.
VID4 Register
49h
1000 000X
The lower bit reflects the state of VID4 input.
Temperature Configuration
Register
4Bh
0000 0001
Extended Mode Register 1
4Ch
0100 0100
Extended Mode Register 2
4Dh
0000 0000
Value RAM DAC Data
Register
19h
1111 1111
Value RAM
20h-3Fh
Contains: monitoring results (temperature, voltages,
fan counts), WATCHDOG limits, and
Company/Stepping IDs
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com