Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 20Page - National Semiconductor (TI) LM81 Datasheet HTML 21Page - National Semiconductor (TI) LM81 Datasheet HTML 22Page - National Semiconductor (TI) LM81 Datasheet HTML 23Page - National Semiconductor (TI) LM81 Datasheet HTML 24Page - National Semiconductor (TI) LM81 Datasheet HTML 25Page - National Semiconductor (TI) LM81 Datasheet HTML 26Page - National Semiconductor (TI) LM81 Datasheet HTML 27Page - National Semiconductor (TI) LM81 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Functional Description (Continued)
13.0 REGISTERS AND RAM
13.1 Address Register
The main register is the ADDRESS Register. The bit designations are as follows:
Bit
Name
Read/
Write
Description
7-0
Address
Pointer
Write
Address of RAM and Registers. See the tables below for detail.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address Pointer (Power On default 00h)
A7
A6
A5
A4
A3
A2
A1
A0
13.2 Address Pointer Index (A7–A0)
Registers and RAM
A6–A0 in
Hex
Power On Value of
Registers:
Notes
<7:0> in Binary
Configuration Register
40h
0000 1000
Interrupt Status Register 1
41h
0000 0000
Interrupt Status Register 2
42h
0000 0000
Interrupt Mask Register 1
43h
0000 0000
Interrupt Mask Register 2
44h
0000 0000
CI Clear Register
46h
0000 0000
VID/Fan Divisor Register
47h
<7:4> = 0101;
<3:0> = VID3–VID0
Serial Bus Address Register
48h
<7:2> =0010 11; <1:0>
=(A1)(A0)
VID4 Register
49h
<7:1> =1000 000;
<0>=VID4
Temperature Configuration
Register
4Bh
0000 0001
Extended Mode Register 1
4Ch
0100 0100
Extended Mode Register 2
4Dh
0000 0000
Value RAM
19h–3Dh
Address 19h default=1111 1111
Company ID
3Eh
0000 0001
This default designates National
Semiconductor.
Stepping
3Fh
0000 0011
Revisions of this device will start with 1 and
increment by one.
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com