Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 15Page - National Semiconductor (TI) LM81 Datasheet HTML 16Page - National Semiconductor (TI) LM81 Datasheet HTML 17Page - National Semiconductor (TI) LM81 Datasheet HTML 18Page - National Semiconductor (TI) LM81 Datasheet HTML 19Page - National Semiconductor (TI) LM81 Datasheet HTML 20Page - National Semiconductor (TI) LM81 Datasheet HTML 21Page - National Semiconductor (TI) LM81 Datasheet HTML 22Page - National Semiconductor (TI) LM81 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Functional Description (Continued)
8.2 Temperature Interrupts
INT and T_CRIT_A outputs are provided for temperature in-
terrupt. Temperature interrupts have a normal and an ex-
tended option of operation. Each option has three different
modes of operation: Repetitive Interrupt, One-Time Interrupt
and Comparator.
Normal Repetitive Interrupt Mode is shown in
Figure 11
and operates in the following way: T_CRIT_A is disabled.
Exceeding T
HIGH causes an interrupt that will remain active
indefinitely until reset by reading Interrupt Status Register 1.
Once reset if the temperature remains above the T
HIHYST
setpoint the interrupt will again be activated at the comple-
tion of another conversion cycle. If temperature is less than
or equal to T
HIHYST the interrupt will not be activated.
Normal One-Time Interrupt Mode is shown in
Figure 12
and operates in the following way: T_CRIT_A is disabled.
Exceeding T
HIGH causes an interrupt that will remain active
indefinitely until reset by reading Interrupt Status Register 1.
Another interrupt will not occur until the temperature drops to
less than or equal to T
HIHYST and then exceeds THIGH during
a subsequent conversion. After power up this mode is se-
lected as default.
Normal Comparator Mode is shown in
Figure 13 and oper-
ates in the following way: T_CRIT_A is disabled. Exceeding
T
HIGH causes an interrupt that will remain activated until the
temperature is less than or equal to T
HIGH.TLOW is disabled.
DS100072-16
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 11. Normal Repetitive Interrupt Response
Diagram
DS100072-17
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 12. One-Time Interrupt Response Diagram
DS100072-18
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 13. Normal Comparator Mode
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com