Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 10 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 10 Page - Laird Tech Smart Technology

Back Button BTM511 Datasheet HTML 6Page - Laird Tech Smart Technology BTM511 Datasheet HTML 7Page - Laird Tech Smart Technology BTM511 Datasheet HTML 8Page - Laird Tech Smart Technology BTM511 Datasheet HTML 9Page - Laird Tech Smart Technology BTM511 Datasheet HTML 10Page - Laird Tech Smart Technology BTM511 Datasheet HTML 11Page - Laird Tech Smart Technology BTM511 Datasheet HTML 12Page - Laird Tech Smart Technology BTM511 Datasheet HTML 13Page - Laird Tech Smart Technology BTM511 Datasheet HTML 14Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
10
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Figure 3: Single and Double Ended Line Inputs
A 15nH / 15pF low pass filter must be added to each input line and placed as close to the BTM511 input pins as
possible. Otherwise the BT envelope may be demodulated, causing audio artifacts in the 800 – 1600kHz range
that cannot be removed.
If using single-ended line input, it is only necessary to fit one low pass filter per channel. For both Stereo Line In
and Microphone modes, you may connect the input signal to either the positive or negative side of the input.
The unused input should be connected to either MIC_BIAS or AGND (Note: The ADK-BTM511-v04 design fits one
low pass filter on each of the 4 channel inputs).
The Left channel (MIC_AP_C / MIC_AN_C) should be used as the standard mono channel, the Right channel
inputs (MIC_BP_C / MIC_BN_C) can be used as an auxiliary mono channel or connected to AGND if unused
(Remember to fit the low pass filter on one or both of the unused Right channel inputs).
A typical line input signal has a voltage of 1.75Vrms or 5Vpk-pk. However, the BTM511 can only tolerate 0.4Vrms
on the audio inputs. A resistive network can be used to divide the input signal down to 0.4Vrms if necessary.
The audio inputs can operate in either line input mode or microphone mode. The input circuit has a two stage
amplifier – the first stage provides a fixed 24 dB gain and the second a variable gain of between -3 dB and 18 dB.
If an input gain of less than 24 dB is selected, then the first stage is switched out and the module is operating in
line input mode.
When operating in microphone mode the microphone should be biased as shown in Figure 4.
Figure 4: Microphone biasing for microphone mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com