Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  BTM511 Datasheet HTML 1Page - Laird Tech Smart Technology BTM511 Datasheet HTML 2Page - Laird Tech Smart Technology BTM511 Datasheet HTML 3Page - Laird Tech Smart Technology BTM511 Datasheet HTML 4Page - Laird Tech Smart Technology BTM511 Datasheet HTML 5Page - Laird Tech Smart Technology BTM511 Datasheet HTML 6Page - Laird Tech Smart Technology BTM511 Datasheet HTML 7Page - Laird Tech Smart Technology BTM511 Datasheet HTML 8Page - Laird Tech Smart Technology BTM511 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
5
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2
SPECIFICATIONS
2.1
Detailed Specifications
Table 1: Detailed specifications
Categories
Feature
Implementation
Wireless Specification
Standards Supported
Bluetooth® v3.0
Transmit Class
Class 2
Frequency
2.402 – 2.480 GHz
Channels
79 channels Frequency Hopping Adaptive Frequency
Hopping
Maximum Transmit
Power
+4 dBm @ antenna pad – BTM510
+4 dBmi from integrated antenna – BTM511
Minimum Transmit
Power
-27 dBm @ antenna pad – BTM510
-27 dBmi from integrated antenna – BTM511
Receive Sensitivity
Better than -86 dBm
Data Transfer Rate
Up to 300 kbps
Range
Up to 30 meters
Antenna Modes
External Antenna
50 Ohm matched SMT pad – BTM510
Integrated Antenna
+0 dB multilayer ceramic – BTM511
UART Interface
Serial Interface
RS-232 bi-directional for commands and data
Baud Rate
16550 compatible
Bits
Configurable from 1,200 to 921,600 bps
Parity
Non-standard baud rates supported
Stop bits
8
Default Serial
parameters
Odd, even, none
Levels
1 or 2
Modem Control
9600,n,8,1
General Purpose
Interface
I/O
4 general purpose I/O pins
I2S
Stereo Audio Digital Interface Bus
LED
2
Audio
Codec
Integrated stereo codec with -95 dB SNR for DAC
Amplifiers
Direct drive for 16 Ω Speakers
Microphone
Input for low noise microphone
Sample Rates
(DAC and ADC)
8, 11.025, 16, 22.05, 32 & 44.1kHz
Protocols and Firmware Bluetooth® Stack
V3.0 compliant. Fully integrated.
Profiles
GAP Generic Access Profile
SDP Service Discovery Profile
SPP Serial Port Profile
HSP – Audio Gateway and Headset unit
HFP v1.6 – Audio Gateway and Handsfree
A2DP – Source and Sink
AVRCP v1.5 – Target and Controller
Protocols
RFCOMM
AVCTP
AVDTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com