Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 16 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 16 Page - Laird Tech Smart Technology

Back Button BTM511 Datasheet HTML 12Page - Laird Tech Smart Technology BTM511 Datasheet HTML 13Page - Laird Tech Smart Technology BTM511 Datasheet HTML 14Page - Laird Tech Smart Technology BTM511 Datasheet HTML 15Page - Laird Tech Smart Technology BTM511 Datasheet HTML 16Page - Laird Tech Smart Technology BTM511 Datasheet HTML 17Page - Laird Tech Smart Technology BTM511 Datasheet HTML 18Page - Laird Tech Smart Technology BTM511 Datasheet HTML 19Page - Laird Tech Smart Technology BTM511 Datasheet HTML 20Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
16
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
5.2
BTM510 Mechanical Diagrams
Note:
An area of 1.5 mm around the module should be reserved as a keep-out area.
The Development Kit Schematics for this product can be accessed on the software downloads tab of
the BTM51x product page.
5.3
BTM510 Mechanical Diagrams
WARNING:
Test point dimensions are for reference
only. DO NOT make electrical
connections to these test points. This
voids the warranty. Laird does not
recommend routing on the top layer
underneath the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com