Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button BTM511 Datasheet HTML 5Page - Laird Tech Smart Technology BTM511 Datasheet HTML 6Page - Laird Tech Smart Technology BTM511 Datasheet HTML 7Page - Laird Tech Smart Technology BTM511 Datasheet HTML 8Page - Laird Tech Smart Technology BTM511 Datasheet HTML 9Page - Laird Tech Smart Technology BTM511 Datasheet HTML 10Page - Laird Tech Smart Technology BTM511 Datasheet HTML 11Page - Laird Tech Smart Technology BTM511 Datasheet HTML 12Page - Laird Tech Smart Technology BTM511 Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
9
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2.3
Operating Parameters
Table 3: Operating parameters
Recommended Operating Conditions
Operating Condition
Min
Max
VDD_UART
1.7
3.6
VDD_IO
1.7
3.3
VDD_IN
3.0
3.6
2.4
Voltage Specifications
Table 4: Voltage specifications (VUART)
Logic Levels (VUART)
Input Voltage Levels
Min
Typical
Max
Vih
0.7VDD_UART
Vil
-0.4
+0.8
OUTPUT VOLTAGE LEVELS
Voh (Iout = -4mA)
VDD_UART – 0.4
Vol (Iout = 4mA)
0
0.4
Table 5: Voltage specifications (VIO)
Logic Levels (VIO)
INPUT VOLTAGE LEVELS
MIN
TYPICAL
MAX
Vih
0.625 VDD_UART
VDD_IO+0.3
Vil
-0.3
0.25VDD_IO
Output Voltage Levels
Voh (Iout = -4mA)
0.75VDD_IO
VDD_IO
Vol (Iout = 4mA)
0
0.125
Notes for PCB layout:
1. The RF output pin must match to a 50 Ω strip-line or coplanar waveguide on the BTM510 (no antenna).
2. Ensure there are no exposed conductors under the module to avoid shorts to the module test points.
3. The PCB footprint is provided for guidance only. Users may wish to modify the PCB land dimensions to suit
their specific manufacturing or process.
2.5
Audio Design Requirements
The audio inputs of the BTM510/511 can operate in either line input mode or microphone mode. The input
circuit has a two stage amplifier – the first stage provides a fixed 24 dB gain and the second a variable gain of
between -3 dB and 18 dB. If an input gain of less than 24 dB is selected, then the first stage is switched out and
the module is operating in line input mode. The BTM511 can support both Single-Ended and Fully Differential
Stereo Line Input (Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com