Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 20 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 20 Page - Laird Tech Smart Technology

Back Button BTM511 Datasheet HTML 15Page - Laird Tech Smart Technology BTM511 Datasheet HTML 16Page - Laird Tech Smart Technology BTM511 Datasheet HTML 17Page - Laird Tech Smart Technology BTM511 Datasheet HTML 18Page - Laird Tech Smart Technology BTM511 Datasheet HTML 19Page - Laird Tech Smart Technology BTM511 Datasheet HTML 20Page - Laird Tech Smart Technology BTM511 Datasheet HTML 21Page - Laird Tech Smart Technology BTM511 Datasheet HTML 22Page - Laird Tech Smart Technology BTM511 Datasheet HTML 23Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
20
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
6 ORDERING INFORMATION
Part Number
Description
BTM510
Bluetooth® Multimedia Module (external antenna)
BTM511
Bluetooth® Multimedia Module with integrated antenna
DVK – BTM510
Development Board with BTM510 soldered in place
DVK – BTM511
Development Board with BTM511 soldered in place
6.1
General Comments
Refer to the schematic BTV-R-003.pdf for the Development Kit on the following two pages for examples of
typical pin connections. A PDF of the schematic can be downloaded from the product web page.
7 APPLICATION NOTE
7.1
Introduction
Laird Technologies surface mount modules are designed to conform to all major manufacturing guidelines. This
application note provides additional guidance beyond the information that is presented in the user’s manual.
This application note is a living document and is updated as new information is presented.
The modules are designed to meet the needs of many commercial and industrial applications. The modules are
designed to be easily manufactured and conform to current automated manufacturing processes.
7.2
Shipping
Modules are shipped in ESD (Electrostatic Discharge) safe trays that can be loaded into most manufacturers pick
and place machines. Layouts of the trays are provided in Figure 5.
Figure 5: BTM510 and BTM511 shipping tray detail
1.010
0.804
0.202
0.813
0.707
0.176
0.602
0.602
Detail B
Detail A
Detail A
R 0.050
Detail B
R 0.50
88.0°
Pocket Wall Angles
Top and Bottom Radius r = 0.025"
0.545
0.749
1.351
1.555
1.645
2.745
3.845
4.945
6.045
7.145
8.245
9.345
10.445
12.000
0.313
0.156
+ 0.0
- 0.010
0,0
0,0
5.250
Laird-5200-00021
Notes:
1) Material must be capable of
discharging an electro-static charge
(ESD), and symbol must be located
as shown.
2) Laird Part Number must be
embossed into the carrier at this
location.
3) Exterior edges may be modified to
allow for ‘stamping’ tray, as long as
outside maximum dimension is not
exceeded.
4) Dimensions:
All dimensions are in inches
(unless otherwise shown)
5) Tolerances:
x.xx +/- 0.010
x.xxx +/- 0.005
angles +/- 1 degree
(unless otherwise shown)
3
1
2
Telematics - Lenexa
Title
Dwg. No.
Rev
Drawn by
BTM510/11 Voice Shipping Tray
5200-00021
1
drk
Sheet 1/1
Date
8-10-09
92.0°
Pocket Corner Detail
BTM
511
BTM
510
0.787
0.984
0.551
0.551
Reference Assemblies
0.143
0.143
Radius Acceptable (0.25" maximum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com