Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 6 Page - Laird Tech Smart Technology

Back Button BTM511 Datasheet HTML 2Page - Laird Tech Smart Technology BTM511 Datasheet HTML 3Page - Laird Tech Smart Technology BTM511 Datasheet HTML 4Page - Laird Tech Smart Technology BTM511 Datasheet HTML 5Page - Laird Tech Smart Technology BTM511 Datasheet HTML 6Page - Laird Tech Smart Technology BTM511 Datasheet HTML 7Page - Laird Tech Smart Technology BTM511 Datasheet HTML 8Page - Laird Tech Smart Technology BTM511 Datasheet HTML 9Page - Laird Tech Smart Technology BTM511 Datasheet HTML 10Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
6
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Categories
Feature
Implementation
Command Interface
AT Instruction set
Comprehensive control of connection and module
operation, including extensions for Audio control.
Direct mapping of GPIO to audio functions, e.g. Play,
Volume, etc.
S Registers for non-volatile storage of parameters
DSP
Kalimba DSP
Integrated in BC05 32bit, 64MIPS, 16 Mbps Flash
Memory (shared)
Applications
Available from partners
Current Consumption
Data Transfer
Typically < 35 mA
Stereo Music
Typically < 70 mA (including speaker drive)
Low Power Sniff Mode
Less than 1.5 mA
Supply Voltage
Supply
3.0 V – 3.6 V DC
I/O
1.7 V – 3.6 V DC
UART
1.7 V – 3.6 V DC
Coexistence /
Compatibility
WLAN (802.11)
2-wire and 3-wire hardware coexistence schemes
supported
Connections
External Antenna
(option)
Pad for 50 Ohm antenna – BTM510
Interface
Surface Mount Pads
Physical
Dimensions
14.0 mm x 20.0 mm x 2.9 mm - BTM510
14.0 mm x 25.0 mm x 2.9 mm - BTM511
Weight
3 grams
Environmental
Operating
Temperature
-40° C to +85° C
Storage Temperature
-40° C to +85° C
Approvals
Bluetooth®
Qualified as an END product
FCC
Limited Modular Approval – BTM510
Modular Approval (Integrated Antenna – BTM511)
MIC
(Japan) Previously TELEC
CE and R&TTE
Meets CE and R&TTE requirements
Miscellaneous
Lead free
Lead-free within EU requirements and RoHS compliant
Warranty
1-Year Warranty
Development Tools
Development Kit
Development board and software tools
2.2
Pin Definitions
Table 2: Pin definitions
Pin
Signal
Description
Voltage Specification
1
GPIO_8 / DTR
Host I/O
VIO
2
GPIO_5 / BT_STATE /
BT_PRIORITY
Host I/O, BT Co-existence
VIO
3
PCM_IN
PCM Data I/P
VIO
4
PCM_OUT
PCM Data O/P
VIO
5
PCM_SYNC
PCM Sync I/P
VIO
6
PCM_CLK
PCM CLK I/P
VIO
7
LED_EXT1
Host I/O
See Note 2
8
LED_EXT0
Host I/O
See Note 2
9
GND
10
VDD_UART
UART supply voltage
11
VDD_IO
I/O supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com