Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 4 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 4 Page - Laird Tech Smart Technology

  BTM511 Datasheet HTML 1Page - Laird Tech Smart Technology BTM511 Datasheet HTML 2Page - Laird Tech Smart Technology BTM511 Datasheet HTML 3Page - Laird Tech Smart Technology BTM511 Datasheet HTML 4Page - Laird Tech Smart Technology BTM511 Datasheet HTML 5Page - Laird Tech Smart Technology BTM511 Datasheet HTML 6Page - Laird Tech Smart Technology BTM511 Datasheet HTML 7Page - Laird Tech Smart Technology BTM511 Datasheet HTML 8Page - Laird Tech Smart Technology BTM511 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
4
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
1 OVERVIEW
The BTM510 and BTM511 are low-power Bluetooth® modules designed for adding robust audio and voice
capabilities. Based on the market-leading Cambridge Silicon Radio BC05 chipset, these modules provide
exceptionally low power consumption with outstanding range. Supporting Bluetooth v3.0 specification, these
modules provide the important advantage of secure simple pairing that improves security and enhances easy
use.
At only 14 mm x 20 mm, the compact size of the BTM510 is ideal for battery-powered or headset form factor
audio and voice devices. With a 16-bit stereo codec and microphone inputs to support both stereo and mono
applications, these modules also contain a full, integrated Bluetooth-qualified stack along with SPP, HFP 1.6,
HSP, AVRCP v1.5, and A2DP profiles.
The BTM510/511 modules include an embedded 32-bit, 64-MIPS DSP core within the BC05. This is integrated
with the Bluetooth functionality which allows designers to add significant product enhancements including
features such as echo cancellation, noise reduction, and audio enhancement using additional soft codecs. The
availability of the 16MB of flash memory in the module allows complex functionality to be included. DSP
routines can be licensed through a number of specialist partners. Typical applications for these modules include
Bluetooth stereo headsets, VoIP phones, and wireless audio links.
To speed product development and integration, Laird Technologies has developed a comprehensive AT
command interface that simplifies application development, including support for audio and headset
functionality. Access to GPIO pins allows mapping for direct connection to actuator buttons on headsets.
Combined with a low-cost development kit, Laird Technologies’ Bluetooth® modules provide faster time to
market.
Features
Fully featured Bluetooth® multimedia module
Bluetooth® v3.0 (FW v22.2.5.0 onwards)
Supports mono and stereo headset applications
Adaptive Frequency Hopping to cope with interference
from other wireless devices
32-bit Kalimba DSP for enhanced audio applications
Support for Secure Simple Pairing
External or internal antenna options
HSP, HFP, A2DP, and AVRCP audio profiles
16-bit stereo codec and microphone input
Integrated audio amplifiers for driving stereo speaker
Comprehensive AT interface for simple programming
Bluetooth END product qualified
Compact size
Class 2 output – 4 dBm
Low power operation
Wi-Fi co-existence hardware support
Application Areas
High-quality stereo headsets
Mono voice headsets
Hands-free devices
Wireless audio cable replacement
MP3 and music players
Phone accessories
VoIP products
Cordless headsets
Automotive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com