Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button BTM511 Datasheet HTML 15Page - Laird Tech Smart Technology BTM511 Datasheet HTML 16Page - Laird Tech Smart Technology BTM511 Datasheet HTML 17Page - Laird Tech Smart Technology BTM511 Datasheet HTML 18Page - Laird Tech Smart Technology BTM511 Datasheet HTML 19Page - Laird Tech Smart Technology BTM511 Datasheet HTML 20Page - Laird Tech Smart Technology BTM511 Datasheet HTML 21Page - Laird Tech Smart Technology BTM511 Datasheet HTML 22Page - Laird Tech Smart Technology BTM511 Datasheet HTML 23Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
21
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
7.3
Reflow Parameters
Laird surface mount modules are designed to be easily manufactured including reflow soldering to a PCB. It is
the responsibility of the customer to choose the appropriate solder paste and to ensure oven temperatures
during reflow meet the requirements of the solder paste. Laird’s surface mount modules conform to J-STD-
020D1 standards for reflow temperatures.
Important: During reflow, modules should not be above 260° and not for more than 30 seconds.
Figure 6: Recommended reflow temperature
Temperatures should not exceed the minimums or maximums presented in Table 7-1: Recommended maximum
and minimum temperatures.
Table 7-1: Recommended maximum and minimum temperatures
Specification
Value
Unit
Temperature Inc./Dec. Rate (max)
3
°C / Sec
Temperature Decrease rate (goal)
2-3
°C / Sec
Soak Temp Increase rate (goal)
.5 - 1
°C / Sec
Flux Soak Period (min)
60
Sec
Flux Soak Period (max)
90
Sec
Flux Soak Temp (min)
150
°C
Flux Soak Temp (max)
190
°C
Time Above Liquidous (max)
60
Sec
Time Above Liquidous (min)
20
Sec
Time In Target Reflow Range (goal)
30
Sec
Time At Absolute Peak (max)
30
Sec
Liquidous Temperature (SAC305)
217
°C
Lower Target Reflow Temperature
225
°C
Upper Target Reflow Temperature
250
°C
Absolute Peak Temperature
260
°C
Target Profile
Soak Min
Soak Max
Liquidous
Lower Target
Upper Target
Absolute Peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com