Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM511 Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # BTM511
Description  modules designed for adding robust audio and voice capabilities
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM511 Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button BTM511 Datasheet HTML 9Page - Laird Tech Smart Technology BTM511 Datasheet HTML 10Page - Laird Tech Smart Technology BTM511 Datasheet HTML 11Page - Laird Tech Smart Technology BTM511 Datasheet HTML 12Page - Laird Tech Smart Technology BTM511 Datasheet HTML 13Page - Laird Tech Smart Technology BTM511 Datasheet HTML 14Page - Laird Tech Smart Technology BTM511 Datasheet HTML 15Page - Laird Tech Smart Technology BTM511 Datasheet HTML 16Page - Laird Tech Smart Technology BTM511 Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
BTM510/511 Multimedia Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
13
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Reference standards used for presumption of conformity:
Article
#
Requirement
Reference standard(s):
3.1a
Health and Safety
IEC 60950-1:2005 (2nd Ed); +Am 1:2009 +Am2:2013;
EN 60950-1: 2006+A11+A1:2010+A12:2011+A2:2013
3.1b
Protection requirements with
respect to electromagnetic
compatibility
EN 301 489-1 V1.9.2 (2011-09)
EN 301 489-17 V2.2.1 (2012-09)
Emissions:
EN55022:2010 /AC:2011, Class B
Immunity:
EN61000-4-2:2009
EN61000-4-3:2006 /A1:2008/A2:2010
3.2
Means of the efficient use of
the radio frequency spectrum
EN 300 328 V1.8.1 (2012-06)
4.1.1 Declaration
We, Laird Technologies, declare under our sole responsibility that the essential radio test suites have been
carried out and that the above product to which this declaration relates is in conformity with all the applicable
essential requirements of Article 3 of the EU Directive 1995/5/EC, when used for its intended purpose.
Place of Issue:
Laird
11160 Thompson Ave.
Lenexa, KS 66219
USA
Date of Issue:
February 2015
Name of Authorized Person:
Daniel Waters/Certifications Specialist
Signature:
4.2
Declaration of Conformity – BTM511
Manufacturer:
Laird Technologies
Product:
BTM511
EU Directive:
RTTE 1995/5/EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com