Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5540 Datasheet HTML 3Page - Cirrus Logic CS5540 Datasheet HTML 4Page - Cirrus Logic CS5540 Datasheet HTML 5Page - Cirrus Logic CS5540 Datasheet HTML 6Page - Cirrus Logic CS5540 Datasheet HTML 7Page - Cirrus Logic CS5540 Datasheet HTML 8Page - Cirrus Logic CS5540 Datasheet HTML 9Page - Cirrus Logic CS5540 Datasheet HTML 10Page - Cirrus Logic CS5540 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CS5540
DS503PP1
7
ABSOLUTE MAXIMUM RATINGS (DGND = 0 V; See Note 12.)
Notes: 12. All voltages are measured with respect to the digital ground pin (DGND).
13. VA+ and VA- must satisfy {(VA+) - (VA-)}
≤ +4.0 V.
14. VD+ and VA- must satisfy {(VD+) - (VA-)}
≤ +4.0 V.
15. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pins.
16. Transient current of up to 100mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ±50 mA.
17. Total power dissipation, including all input currents and output currents.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies
(Notes 13 and 14)
Positive Digital
Positive Analog
Negative Analog
VD+
VA+
VA-
-0.3
-0.3
-0.3
-
-
-
+4.0
+4.0
+0.3
V
V
V
Input Current, Any Pin Except Supplies
(Notes 15 and 16)
IIN
--
±10
mA
Output Current
IOUT
--
±25
mA
Power Dissipation
(Note 17)
PDN
-
-
500
mW
Analog Input Voltage
AIN and VREF pins
VINA
(VA-) + (-0.3)
-
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
-
(VD+)+0.3
V
Ambient Operating Temperature
TA
-40
-
+85
°C
Storage Temperature
Tstg
-65
-
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com