Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5540 Datasheet HTML 9Page - Cirrus Logic CS5540 Datasheet HTML 10Page - Cirrus Logic CS5540 Datasheet HTML 11Page - Cirrus Logic CS5540 Datasheet HTML 12Page - Cirrus Logic CS5540 Datasheet HTML 13Page - Cirrus Logic CS5540 Datasheet HTML 14Page - Cirrus Logic CS5540 Datasheet HTML 15Page - Cirrus Logic CS5540 Datasheet HTML 16Page - Cirrus Logic CS5540 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CS5540
DS503PP1
13
by CHS, the channel being converted can be
switched at any time. The conversion in-process
when CHS is switched will be aborted and a new
conversion will begin on the selected channel. The
indicator bits in the SDO output will indicate which
channel was converted.
2.6.1 Switching Channels
7358 clock cycles after CHS is toggled, SDO will
fall (indicating new data present). All subsequent
data will be presented to the serial port every 4884
clock cycles, as portrayed in Figure 8.
2.7 Serial Port and Data Conversions
When power is applied to the CS5540, it is reset by
the power-on reset circuit. Then the converter en-
ters the data mode where the ADC continuously
converts the analog input channel selected by the
channel select pin (CHS). After a conversion is
complete, the SDO pin falls to logic 0 to indicate an
end of conversion and the next 32 serial clock puls-
es shift data out of the serial port. Figure 8 illus-
trates the sequence necessary to read output data
from the data conversion register.
The CS5540 operates in a self-calibration mode
which allows the converter to calibrate continuous-
ly between each conversion (if a user requires sys-
tem calibration, this can be accommodated in the
system microcontroller). The sections that follow
detail the conversion mode and also explain how to
decode the conversion word into the respective flag
and data bits.
Note:
The CS5540 offers self calibration, in which
the ADC calibrates out offset and gain errors
due to the ADC itself. Calibration in the
CS5540 is used to set the zero and gain slope
of the ADC’s transfer function. For the
self-calibration of offset, the converter
internally ties the inputs of the modulator
together and routes them to the VREF- pin as
shown in Figure 9. VREF- must be tied to a
fixed voltage between VA+ and VA-. For
self-calibration of gain, the differential inputs
of the modulator are connected to VREF+
and VREF- as shown in Figure10. Further
note that each calibration step (offset or gain)
is transparent to the user and is included in
the specified 6.7 SPS output rate.
SDO
SCLK
CHS
t
d *
Data Time
24 SCLKs
MSB
LSB
0
1
CH
OD OF
1
1
8 SCLKs to read status
SDI set low while
reading status & data
1
t
o *
* t
d = 7358 clock cycles
t
o = 4884 clock cycles
Figure 8. Command and Data Word Timing
AIN+
AIN-
+
-
VREF-
Figure 9. Self Calibration of Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com