Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5540 Datasheet HTML 1Page - Cirrus Logic CS5540 Datasheet HTML 2Page - Cirrus Logic CS5540 Datasheet HTML 3Page - Cirrus Logic CS5540 Datasheet HTML 4Page - Cirrus Logic CS5540 Datasheet HTML 5Page - Cirrus Logic CS5540 Datasheet HTML 6Page - Cirrus Logic CS5540 Datasheet HTML 7Page - Cirrus Logic CS5540 Datasheet HTML 8Page - Cirrus Logic CS5540 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5540
Low-Power, Low-Voltage, 24 - Bit
∆Σ ADC
Features
l
∆Σ Analog-to-Digital Converter
- Linearity Error: 0.0015% FS
- RMS Noise: 4
µV
l Two Channel Differential MUX
l Buffered, Fully Differential Analog and
Voltage Reference Inputs
l Scalable VREF Input: 0.1 V to Analog Supply
l High Absolute Accuracy via Self-Calibration
l Fixed Digital Filter
- Single Conversion Settling at 6.7 SPS
- Simultaneous 50/60 Hz Rejection
l Simple Serial Interface
- SPITM and MicrowireTM Compatible
- Schmitt Trigger on Serial Clock (SCLK)
l Low Power
- Single +3.0 V Supply
- 330
µA Supply Current
- 10
µA in Sleep Mode
Description
The CS5540 is a low-power and low-voltage
∆Σ ana-
log-to-digital converter (ADC), which achieves highly
accurate conversions using a simple non-programmable
interface that is easy to understand and design-in. It is
optimized to convert analog signals in DC measurement
applications, such as temperature and pressure mea-
surement,
and
various
portable
devices
where
low-power consumption is required.
To accommodate these applications, the ADC integrates
analog input and reference buffers for increased input
impedance and a two-channel multiplexer.
The CS5540 includes a digital filter, which achieves si-
multaneous rejection of 50/60 Hz signals and provides
single conversion settling at 6.7 SPS throughput. Abso-
lute accuracy is achieved via continuous internal
self-calibration. The device draws a nominal 330 µA.
Low-power, low-voltage operation, and a simple serial
interface make the CS5540 an ideal device for low-cost,
power-conscious DC measurement applications.
ORDERING INFORMATION
CS5540-
AS
-40 ºC - +85 ºC
16-Pin SSOP
Differential
4th Order
∆Σ
Modulator
Digital
Filter
Serial
Interface
Calibration
Register
Output
Register
Input
Mux
Clock
Generator
X1
X1
X1
X1
VA+
VA-
VD+
DGND
VREF+
VREF-
OSC1 OSC2
AIN1+
AIN1-
AIN2+
AIN2-
SDO
SCLK
CS
CHS
JUN ‘01
DS503PP1


Similar Part No. - CS5540

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5541-BS CIRRUS-CS5541-BS Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5542 CIRRUS-CS5542 Datasheet
297Kb / 30P
22-Bit, Multi-Channel DS ADC Chip Set
CS5542-KL CIRRUS-CS5542-KL Datasheet
297Kb / 30P
22-Bit, Multi-Channel DS ADC Chip Set
CS5543 CIRRUS-CS5543 Datasheet
297Kb / 30P
22-Bit, Multi-Channel DS ADC Chip Set
More results

Similar Description - CS5540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Analog Devices
AD7719 AD-AD7719 Datasheet
367Kb / 40P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
REV.0
logo
Cirrus Logic
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211 Datasheet
66Kb / 5P
LOW-VOLTAGE 24-BIT BUS SWITCH
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
24-Bit Low-Power Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
24-Bit Multi-Channel Low-Power
Rev 0; 5/16
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211_14 Datasheet
100Kb / 5P
LOW-VOLTAGE 24-BIT BUS SWITCH
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
23-Feb-2017
logo
Renesas Technology Corp
74CBTLV16211 RENESAS-74CBTLV16211 Datasheet
277Kb / 6P
LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com