Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5540 Datasheet HTML 7Page - Cirrus Logic CS5540 Datasheet HTML 8Page - Cirrus Logic CS5540 Datasheet HTML 9Page - Cirrus Logic CS5540 Datasheet HTML 10Page - Cirrus Logic CS5540 Datasheet HTML 11Page - Cirrus Logic CS5540 Datasheet HTML 12Page - Cirrus Logic CS5540 Datasheet HTML 13Page - Cirrus Logic CS5540 Datasheet HTML 14Page - Cirrus Logic CS5540 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CS5540
DS503PP1
11
2.2 Voltage Reference Input
The differential voltage between VREF+ and
VREF- sets the nominal full scale input span of the
converter. For a single-ended reference voltage, the
reference output is connected to the VREF+ pin of
the CS5540 and the ground reference is connected
to the VREF- pin. Note that the differential refer-
ence voltage can be from 0.1 V to ((VA+)- (VA-)).
The noise-free resolution of a single sample from
the ADC is directly proportional to the voltage ref-
erence as depicted in Figure 5.
Note:
When a lower reference voltage is used, the
resulting code widths are smaller. Since the
output codes exhibit more changing codes for
a fixed amount of noise, the converter
appears noisier.
2.2.1 Voltage Reference Input Model
Figure 6 illustrates the input models for the VREF
pins. It includes a coarse/fine charge buffer which
reduces the dynamic current demand of the exter-
nal reference. The reference’s buffer is designed to
accommodate rail-to-rail (common-mode plus sig-
nal) input voltages. Typical CVF (sampling) cur-
rent is about 16 nA (MCLK = 32.768 kHz).
13
14
15
16
17
18
19
0
0.5
1
1.5
2
2.5
3
VREF (V)
Figure 5. Typical Noise-Free Resolution
vs. Voltage Reference
Noise-Free Res. = log2 (Bipolar Span/6.6*RMS Noise)
Figure 6. Input model for VREF+ and VREF- pins
VREF
C = 12 pF
f = 2*MCLK = 65.536 kHz
φ Coarse
2
φ Fine
1
i
n = CVosf
V
os ≤ 25mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com