Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5540 Datasheet HTML 1Page - Cirrus Logic CS5540 Datasheet HTML 2Page - Cirrus Logic CS5540 Datasheet HTML 3Page - Cirrus Logic CS5540 Datasheet HTML 4Page - Cirrus Logic CS5540 Datasheet HTML 5Page - Cirrus Logic CS5540 Datasheet HTML 6Page - Cirrus Logic CS5540 Datasheet HTML 7Page - Cirrus Logic CS5540 Datasheet HTML 8Page - Cirrus Logic CS5540 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CS5540
DS503PP1
5
ANALOG CHARACTERISTICS (Continued)
Notes: 6. See Section 2.1, “Analog Input”.
7. See Section 2.2, “Voltage Reference Input”.
8. Absolute voltages on VREF+ and VREF- must be less than or equal to the supply voltages.
9. The CS5540 includes a digital filter. The filter which achieves simultaneous rejection of 50/60 Hz
provides single conversion settling at a 6.7 SPS throughput.
10. All outputs unloaded. All inputs at CMOS levels.
Parameter
Min
Typ
Max
Units
Analog Input
Common Mode + Signal on AIN+ or AIN-
Single Supply
Dual Supplies
0.0
VA-
-
-
VA+
VA+
V
V
CVF Current on AIN+, AIN-
(Note 6)
-
12
-
nA
Input Leakage for MUX when off
-
10
-
pA
Common Mode Rejection
dc
50, 60Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
8
-
pF
Voltage Reference Input
Range
(VREF+) - (VREF-)
(Note 8)
0.1
2.5
(VA+) -
(VA-)
V
CVF Current on VREF+ and VREF-
(Note 7)
-
20
-
nA
Common Mode Rejection
dc
50, 60 Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
12
-
pF
Dynamic Characteristics
Modulator Sampling Frequency
-
MCLK/2
-
Hz
Filter Settling to 1/2 LSB (Full Scale Step)
(Note 9)
6.7 SPS OWR
-1/OWR
-
s
Power Supplies
DC Power Supply Currents
(Normal Mode)
IA+
ID+
-
-
225
25
280
36
µA
µA
Power Consumption
Normal Mode
(Note 10)
Sleep Mode
-
-
750
30
1000
-
µW
µW
Power Supply Rejection
dc Positive Supplies
dc Negative Supplies
-
-
80
80
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com