Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5540 Datasheet HTML 1Page - Cirrus Logic CS5540 Datasheet HTML 2Page - Cirrus Logic CS5540 Datasheet HTML 3Page - Cirrus Logic CS5540 Datasheet HTML 4Page - Cirrus Logic CS5540 Datasheet HTML 5Page - Cirrus Logic CS5540 Datasheet HTML 6Page - Cirrus Logic CS5540 Datasheet HTML 7Page - Cirrus Logic CS5540 Datasheet HTML 8Page - Cirrus Logic CS5540 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CS5540
4
DS503PP1
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25 °C; VA+ = +3.0 V ±5%, VA- = 0 V, VD+ = 3.0 V ±5%,
DGND = 0 V, VREF+ = 2.5 V, VREF- = 0 V, MCLK = 32.768 kHz, OWR (Output Word Rate) = 6.7 SPS, Input
Range = ±2.5 V Differential, Vcm=1.25 V. (See Note 1.)
Notes: 1. Specifications guaranteed by design, characterization, and/or test.
2. Specification applies to the device only and does not include any effects caused by external parasitic
thermocouples.
3. Drift over specified temperature range after power-up at 25
°C.
4. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25 °C.
5. For peak-to-peak noise multiply the RMS value by 6.6.
* Specifications are subject to change without notice.
Parameter
Min
Typ
Max
Units
Accuracy
Linearity Error
-
±0.0015
±0.003
%FS
No Missing Codes
24
-
-
Bits
Offset Error
(Note 2)
-
±16
TBD
LSB24
Offset Drift
(Notes 2 and 3)
-
20
-
nV/°C
Full Scale Error
-
±8
±31
ppm
Full Scale Drift
(Note 3)
-
1
-
ppm/°C
RMS Noise
(Notes 4 and 5)
-
4
-
µV
Bandwidth (-3 dB)
-
11.96
-
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com