Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5540 Datasheet HTML 13Page - Cirrus Logic CS5540 Datasheet HTML 14Page - Cirrus Logic CS5540 Datasheet HTML 15Page - Cirrus Logic CS5540 Datasheet HTML 16Page - Cirrus Logic CS5540 Datasheet HTML 17Page - Cirrus Logic CS5540 Datasheet HTML 18Page - Cirrus Logic CS5540 Datasheet HTML 19Page - Cirrus Logic CS5540 Datasheet HTML 20Page - Cirrus Logic CS5540 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CS5540
DS503PP1
17
3. PIN DESCRIPTIONS
Clock Generator
OSC1; OSC2 - Master Clock.
An inverting amplifier inside the chip is connected between these pins and can be used with a
crystal or resonator to provide the master clock for the device. Alternatively, an external
(CMOS compatible) clock (powered relative to VD+) can be supplied into the OSC1 pin to
provide the master clock for the device and the OSC2 pin can be left unconnected.
Control Pins and Serial Data I/O
CS - Chip Select.
When active low, the port will recognize SCLK. When high the SDO pin will output a high
impedance state. CS should only be changed when SCLK = 0.
SDO - Serial Data Output.
SDO is the serial data output. It will output a high impedance state if CS = 1.
SCLK - Serial Clock Input.
A clock signal on this pin determines the output rate of the data for the SDO pins respectively.
This input is a Schmitt trigger to allow for slow rise-time signals. The SCLK pin will recognize
clocks only when CS is low.
CHS - Channel Select Input.
CHS permits the user to select between AIN1 and AIN2 for data conversions. When CHS = 0,
AIN1 is converted. When CHS = 1, AIN2 is converted. Note that since the converter
continuously converts the input selected by CHS, the channel being converted can be switched
at any time. The current conversion will be aborted and a new one started on the newly
selected channel. The serial data status flags will indicate which channel was converted.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VREF+
VREF-
AIN2+
AIN2-
DGND
VD+
SDO
SCLK
CS
AIN1-
AIN1+
VA+
VA-
OSC2
OSC1
CHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com