Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5540 Datasheet HTML 6Page - Cirrus Logic CS5540 Datasheet HTML 7Page - Cirrus Logic CS5540 Datasheet HTML 8Page - Cirrus Logic CS5540 Datasheet HTML 9Page - Cirrus Logic CS5540 Datasheet HTML 10Page - Cirrus Logic CS5540 Datasheet HTML 11Page - Cirrus Logic CS5540 Datasheet HTML 12Page - Cirrus Logic CS5540 Datasheet HTML 13Page - Cirrus Logic CS5540 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CS5540
10
DS503PP1
2. GENERAL DESCRIPTION
The CS5540 is a low-power and low-voltage 24-bit
∆−Σ analog-to-digital converter (ADC). It is opti-
mized to convert analog signals in DC measure-
ment applications such as temperature and pressure
measurement, and various portable devices where
low power consumption is required.
To accommodate these applications, the ADC inte-
grates analog input and reference buffers for in-
creased
input
impedance
and
includes
a
two-channel multiplexer. Absolute accuracy is ac-
complished via self-calibration. The device also
operates with a variety of supply configurations
while drawing a nominal 330 µA.
The CS5540 includes a digital filter which achieves
simultaneous rejection of 50/60 Hz and provides
single conversion settling at a 6.7 SPS throughput.
The filter’s output word rate can be increased by
approximately 1.22X by using a 40 kHz master
clock, although the 50/60 Hz rejection will be sac-
rificed.
To ease communications between the ADC and a
microcontroller, the converter includes a simple
three-wire serial interface which is SPI and Mi-
crowire compatible. A Schmitt Trigger input is pro-
vided on the serial clock (SCLK) input.
2.1 Analog Input
Figure 3 illustrates a block diagram of the CS5540.
The device consists of a multiplexer, a unity gain
coarse/fine charge input buffer, a fourth order
∆−Σ
modulator, and a digital filter.
2.1.1 Analog Input Model
Figure 4 illustrates the input models for the AIN
pins. The model includes a coarse/fine charge buff-
er which reduces the dynamic current demands
from the analog input signal. The buffer is designed
to accommodate rail to rail (common-mode plus
signal) input voltages. Typical CVF (sampling)
current is about 8 nA (MCLK = 32.768 kHz). Ap-
plication Note 30, “Switched-Capacitor A/D Input
Structures”, details various input architectures.
VREF+
Sinc
Digital
Filter
M
U
X
AIN2+
AIN2-
AIN1+
AIN1-
X1
X1
X1
VREF-
X1
Differential
4
Order
∆Σ
Modulator
th
4
Serial
Port
CS
SDO
SCLK
CHS
Figure 3. Multiplexer Configuration
AIN
C = 8 pF
f = 2*MCLK = 65.536 kHz
φ Coarse
2
φ Fine
1
i
n = CV osf
V
os ≤ 25mV
Figure 4. Input model for AIN+ and AIN- pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com