Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5540 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5540
Description  LOW POWER LOW VOLTAGE 24- BIT ACD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5540 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5540 Datasheet HTML 10Page - Cirrus Logic CS5540 Datasheet HTML 11Page - Cirrus Logic CS5540 Datasheet HTML 12Page - Cirrus Logic CS5540 Datasheet HTML 13Page - Cirrus Logic CS5540 Datasheet HTML 14Page - Cirrus Logic CS5540 Datasheet HTML 15Page - Cirrus Logic CS5540 Datasheet HTML 16Page - Cirrus Logic CS5540 Datasheet HTML 17Page - Cirrus Logic CS5540 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CS5540
14
DS503PP1
2.7.1 Reading Conversions
At the completion of a conversion, SDO will fall to
logic 0 to indicate that the conversion is complete.
Calibration will be transparent to the user. Never-
theless, to read a conversion word, the user must is-
sue 32 SCLK’s. The first 8 SCLKs clear the SDO
flag and read the status flags. Upon the falling edge
of the 8th SCLK, the SDO pin will present the first
bit (MSB) of the conversion word. 24 SCLKs
(high, then low) are then required to read the con-
version word from the port. Upon the falling edge
of the 32nd SCLK, SDO will return high, waiting
till the next conversion is complete before it falls
again.
The user is not required to read every conversion.
If the user chooses not to read a conversion after
SDO falls, SDO will rise one MCLK clock cycle
before the next conversion is completed and then
fall to signal that another conversion word is avail-
able (assuming CS is kept low).
Note:
1) If the user begins to clear the SDO flag and
read the conversion data, this action must be
finished before the conversion cycle which is
occurring in the background is complete if the
user wants to be able to read the new
conversion data.
2) If the multiplexer CHS input of the
converter is switched while it is performing a
conversion, the filter will abort the current
conversion and start a new conversion on the
new channel.
3) If the channel is switched when SDO is
low, SDO will remain low, and the previous
conversion result will remain in the serial port.
SDO will rise one MCLK cycle before the new
channel’s data is ready, then fall to indicate
that the conversion data is available.
2.7.2 Output Coding
The CS5540 outputs a 24-bit two’s-complement
data conversion word. To read a conversion word
the user must read the conversion data register,
which is 24 bits long and outputs the conversions
MSB first. Once a conversion is complete, SDO
falls and 32 SCLK’s are required to read a conver-
sion. The first 8 SCLKs are used to clear an internal
SDO flag and clock out status flags.
The CH (CHannel indicator) bit keeps track of
which input channel was converted (0=AIN1;
1=AIN2).
The OD (Oscillation Detect) bit is set to a logic 1 any
time that an oscillatory condition is detected in the
modulator. This does not occur under normal oper-
ating conditions, but may occur whenever the input
to the converter is extremely overranged. If the OD
bit is set, the conversion data bits can be completely
erroneous. The OD flag bit will be cleared to logic 0
when the modulator becomes stable.
The OF (Overrange Flag) bit is set to a logic 1 any
time the input signal is: 1) more positive than posi-
tive full scale, or 2) more negative than negative
full scale. It is cleared back to logic 0 whenever a
conversion word occurs which is not overranged.
The last 24 SCLKs are used to clock the actual data
out of the conversion data register.
Table 1 and Table 2 illustrate the output coding for
the CS5540. Conversion data is output in two's
complement format.
2.7.3 Digital Filter
The CS5540 filter achieves simultaneous rejection
of 50/60 Hz and provides single conversion settling
at a 6.7 SPS throughput, including auto-calibration.
AIN+
AIN-
+
-
VREF+
VREF-
+
-
Reference
Figure 10. Self Calibration of Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com