Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2975 Datasheet HTML 1Page - National Semiconductor (TI) LP2975 Datasheet HTML 2Page - National Semiconductor (TI) LP2975 Datasheet HTML 3Page - National Semiconductor (TI) LP2975 Datasheet HTML 4Page - National Semiconductor (TI) LP2975 Datasheet HTML 5Page - National Semiconductor (TI) LP2975 Datasheet HTML 6Page - National Semiconductor (TI) LP2975 Datasheet HTML 7Page - National Semiconductor (TI) LP2975 Datasheet HTML 8Page - National Semiconductor (TI) LP2975 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature
Range
−40˚C to +125˚C
Lead Temp. (Soldering, 5 seconds)
260˚C
ESD Rating
2 kV
Power Dissipation
(Note 2)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +26V
Input Supply Voltage (Operating)
+1.8V to +24V
Current Limit Pins (Survival)
−0.3V to +V
IN
Comp Pin (Survival)
−0.3V to +2V
Gate Pin (Survival)
−0.3V to +V
IN
ON/OFF Pin (Survival)
−0.3V to +20V
Feedback Pin (Survival)
−0.3V to +24V
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified; V
ON/OFF = 1.5V, VIN = 15V.
Symbol
Parameter
Conditions
Typ
LM2975AI-X.X
(Note 3)
LM2975I-X.X
(Note 3)
Units
Min
Max
Min
Max
V
REG
Regulation Voltage
(12V Versions)
12.5 < V
IN < 24V
12.0
11.820
12.180
11.700
12.300
V
(V
IN - 0.5V) > VGATE
> (V
IN - 5V)
11.640
12.360
11.520
12.480
Regulation Voltage
(5V Versions)
5.5 < V
IN < 24V
5.0
4.925
5.075
4.875
5.125
(V
IN - 0.5V) > VGATE
> (V
IN - 4.5V)
4.850
5.150
4.800
5.200
Regulation Voltage
(3.3V Versions)
3.8 < V
IN < 24V
3.3
3.250
3.350
3.217
3.383
(V
IN - 0.5V) > VGATE
> (V
IN - 3.3V)
3.201
3.399
3.168
3.432
V
COMP
Comp Pin Voltage
V
REG < VIN < 24V
1.240
1.215
1.265
1.203
1.277
V
1.209
1.271
1.196
1.284
I
Q
Quiescent Current
V
IN = 5V
180
240
240
µA
320
320
V
ON/OFF = 0V
0.01
11
V
CL
Current Limit
Sense Voltage
V
IN = 15V
V
FB =0.9XVREG
57
45
69
45
69
mV
39
72
39
72
V
ON/OFF
ON/OFF Threshold
Output = ON
0.94
1.10
1.10
V
1.20
1.20
Output = OFF
0.87
0.70
0.70
0.40
0.40
I
ON/OFF
ON/OFF
Input Bias Current
V
ON/OFF = 1.5V
34
50
50
µA
75
75
I
G
Gate Drive Current (Sourcing)
V
G = 7.5V
V
FB=1.1XVREG
3.5
1.3
1.3
mA
0.3
0.3
Gate Drive Current (Sinking)
V
G = 7.5V
V
FB =0.9XVREG
1100
350
350
µA
40
40
V
G(MIN)
Gate Clamp Voltage
V
IN = 24V
V
FB =0.9XVREG
17
15
19
15
19
V
R(V
IN-G)
Resistance from
Gate to V
IN
V
IN = 24V
V
ON/OFF =0
500
k
Ω
Open Loop
Voltage Gain
V
IN = 15V
0.5V
≤ V
GATE ≤ 13
5000
V/V
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The LP2975 has internal thermal shutdown which activates at a die temperature of about 150˚C. It should be noted that the power dissipated within the
LP2975 is low enough that this protection circuit should never activate due to self-heating, even at elevated ambient temperatures.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com