Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP2975 Datasheet HTML 11Page - National Semiconductor (TI) LP2975 Datasheet HTML 12Page - National Semiconductor (TI) LP2975 Datasheet HTML 13Page - National Semiconductor (TI) LP2975 Datasheet HTML 14Page - National Semiconductor (TI) LP2975 Datasheet HTML 15Page - National Semiconductor (TI) LP2975 Datasheet HTML 16Page - National Semiconductor (TI) LP2975 Datasheet HTML 17Page - National Semiconductor (TI) LP2975 Datasheet HTML 18Page - National Semiconductor (TI) LP2975 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Application Hints (Continued)
1) Calculate the required value of capacitance for C
OUT so
that the pole f
p ≤ 200 Hz (see previous section OUTPUT CA-
PACITOR). For this calculation, an ESR of about 0.1
Ω can
be assumed for the purpose of determining C
OUT.
IMPORTANT: If a smaller value of output capacitor is used
(so that the value of f
p >200 Hz), the phase margin of the
control loop will be reduced. This will result in increased ring-
ing on the output voltage during a load transient. If the output
capacitor is made extremely small, oscillations will result.
To illustrate this effect, scope photos have been presented
showing the output voltage of reference design #2asthe
output capacitor is reduced to approximately 1/30 of the
nominal value (the value which sets f
p = 200 Hz). As shown,
the effect of deviating from the nominal value is gradual and
the regulator is quite robust in resisting going into oscilla-
tions.
2) Approximate the crossover frequency f
c using the equa-
tion in the previous section
CROSSOVER FREQUENCY
AND PHASE MARGIN.
3) Calculate the required ESR of the output capacitor so that
the frequency of the zero f
z is set to 0.5 fc (see previous sec-
tion
OUTPUT CAPACITOR).
4) Calculate the value of the feed-forward capacitor C
F so
that the zero f
zf occurs at the frequency which yields the
maximum phase gain for the output voltage selected (see
previous section
LOW OUTPUT VOLTAGE AND CF). The
formula for calculating C
F is in the previous section FEED-
FORWARD CAPACITOR.
Lower ESR electrolytics are available which use organic
electrolyte (OSCON types), but are more costly than typical
aluminum electrolytics.
If the calculated value of ESR is higher than what is found in
the selected capacitor, an external resistor can be placed in
series with C
OUT.
LOW VOLTAGE DESIGNS: Designs which have a low out-
put voltage (where the positive effects of C
F are very small)
may be marginally stable if the C
OUT and ESR values are not
carefully selected.
Also, if the FET gate capacitance is large (as in the case of
a high-current FET), the pole f
pg could possibly get low
enough in frequency to cause a problem.
The solution in both cases is to increase the amount of out-
put capacitance which will shift f
p to a lower frequency (and
reduce overall loop bandwidth). The ESR and C
F calcula-
tions should be repeated, since this changes the crossover
frequency f
c.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com