Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP2975 Datasheet HTML 11Page - National Semiconductor (TI) LP2975 Datasheet HTML 12Page - National Semiconductor (TI) LP2975 Datasheet HTML 13Page - National Semiconductor (TI) LP2975 Datasheet HTML 14Page - National Semiconductor (TI) LP2975 Datasheet HTML 15Page - National Semiconductor (TI) LP2975 Datasheet HTML 16Page - National Semiconductor (TI) LP2975 Datasheet HTML 17Page - National Semiconductor (TI) LP2975 Datasheet HTML 18Page - National Semiconductor (TI) LP2975 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Application Hints (Continued)
To estimate the total phase margin, the individual phase shift
contributions of each pole and zero will be calculated assum-
ing f
p = 200 Hz, fz = 5 kHz, fzf = 10 kHz, fpf = 40 kHz,
f
c = 50 kHz, and fpg= 100 kHz:
Controller pole shift = −90˚
f
p shift = −arctan (50k/200) = −90˚
f
z shift = arctan (50k/5k) = +84˚
f
zf shift = arctan (50k/100k) = +79˚
f
pf shift = −arctan (50k/40k) = −51˚
f
pg shift = −arctan (50k/100k) = −27˚
Summing the six numbers, the estimate for the total phase
shift is −95˚, which corresponds to a phase margin of 85˚
(a 27˚ improvement over the same application without the
feed-forward capacitor).
For this reason, a feed-forward capacitor is recommended in
all applications. Although not always required, the added
phase margin typically gives faster settling times and pro-
vides some design guard band against C
OUT and ESR varia-
tions with temperature.
CAUSES AND CURES OF OSCILLATIONS
The most common cause of oscillations in an LDO applica-
tion is the output capacitor ESR. If the ESR is too high or too
low, the zero (f
z) does not provide enough phase lead.
HIGH ESR: To illustrate the effect of an output capacitor with
high ESR, the previous example will be repeated except that
the ESR will be increased by a factor of 20X. This will cause
the frequency of the zero f
z to decrease by 20X, which
moves it from 5 kHz down to 250 Hz (see graph
HIGH ESR
UNSTABLE WITHOUT FEED-FORWARD).
As shown, moving the location of f
z lower in frequency ex-
tends the bandwidth, pushing the crossover frequency f
c out
to about 200 kHz. In viewing the plot, it can be seen that f
p
and f
z essentially cancel out, leaving only the controller pole
and f
pg. However, since fpg now occurs well before fc, it will
cause enough phase shift to leave very little phase margin.
This application would either oscillate continuously or be
marginally stable (meaning it would exhibit severe ringing on
transient steps).
This can be improved by adding a feed-forward capacitor C
F,
which adds a zero (f
zf) and a pole (fpf) to the gain plot (see
graph
HIGH ESR CORRECTED WITH FEED-FORWARD).
In this case, C
F is selected to place fzf at about the same fre-
quency as f
pg (essentially cancelling out the phase shift due
to f
pg). Assuming the added pole fpf is near or beyond the fc
frequency, it will add < 45˚ of phase lag, leaving a phase
margin of > 45˚ (adequate for good stability).
LOW ESR: To illustrate how an output capacitor with low
ESR can cause an LDO regulator to oscillate, the same ex-
ample will be shown except that the ESR will be reduced suf-
ficiently to increase the original f
z from 5 kHz to 50 kHz.
The plot now shows (see graph
LOW ESR UNSTABLE
WITHOUT FEED-FORWARD) that the crossover frequency
f
c has moved down to about 8 kHz. Since fz is 6X fc, it means
that the zero f
z can only provide about 9˚ of phase lead at fc,
which is not sufficient for stability.
Improved Phase Margin with Feed-Forward
DS100034-28
High ESR Unstable without Feed-Forward
DS100034-29
High ESR Corrected with Feed-Forward
DS100034-31
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com