Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP2975 Datasheet HTML 11Page - National Semiconductor (TI) LP2975 Datasheet HTML 12Page - National Semiconductor (TI) LP2975 Datasheet HTML 13Page - National Semiconductor (TI) LP2975 Datasheet HTML 14Page - National Semiconductor (TI) LP2975 Datasheet HTML 15Page - National Semiconductor (TI) LP2975 Datasheet HTML 16Page - National Semiconductor (TI) LP2975 Datasheet HTML 17Page - National Semiconductor (TI) LP2975 Datasheet HTML 18Page - National Semiconductor (TI) LP2975 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Hints (Continued)
This application can also be improved by adding a feed-
forward capacitor. C
F will add both a zero fzf and pole fpf to
the gain plot (see graph
LOW ESR CORRECTED WITH
FEED-FORWARD).
The crossover frequency f
c is now about 10 kHz. If CF is se-
lected so that f
zf is about 5 kHz, and fpf is about 20 kHz
(which means V
OUT = 5V), the phase margin will be consid-
erably improved. Calculating out all the poles and zeroes,
the phase margin is increased from 9˚ to 43˚ (adequate for
good stability).
EXCESSIVE GATE CAPACITANCE: Higher values of gate
capacitance shift the pole f
pg to lower frequencies, which can
cause stability problems (see previous section
GATE CA-
PACITANCE POLE FREQUENCY). As shown in the graph
fpg vs. CEFF, the pole fpg will likely fall somewhere between
40 kHz and 500 kHz. How much phase shift this adds de-
pends on the crossover frequency f
c.
The effect of gate capacitance becomes most important at
high values of ESR for the output capacitor (see graph
HIGH
ESR UNSTABLE WITHOUT FEED-FORWARD). Higher val-
ues of ESR increase f
c, which brings fpg more into the posi-
tive gain portion of the curve. As f
pg moves to a lower fre-
quency
(corresponding
to
higher
values
of
gate
capacitance), this effect becomes even worse.
This points out why FET’s should be selected with the lowest
possible gate capacitance: it makes the design more tolerant
of higher ESR values on the output capacitor.
The use of a feed-forward capacitor C
F will help reduce ex-
cess phase shift due to f
pg, but its effectiveness depends on
output voltage (see next section).
LOW OUTPUT VOLTAGE AND C
F
The feed-forward capacitor C
F will provide a positive phase
shift (lead) which can be used to cancel some of the excess
phase lag from any of the various poles present in the loop.
However, it is important to note that the effectiveness of C
F
decreases with output voltage.
This is due to the fact that the frequencies of the zero f
zf and
pole f
pf get closer together as the output voltage is reduced
(see equations in section
FEED-FORWARD COMPENSA-
TION).
C
F is more effective when the pole-zero pair are farther
apart, because there is less self cancellation. The net benefit
in phase shift provided by C
F is the difference between the
lead (positive phase shift) from f
zf and the lag (negative
phase shift) from f
pf which is present at the crossover fre-
quency f
c. As the pole and zero frequency approach each
other, that difference diminishes to nothing.
The amount of phase lead at f
C provided by CF depends
both on the f
zf/fpf ratio and the location of fz with respect to fc.
To illustrate this more clearly, a graph is provided which
shows how much phase lead can be obtained for V
OUT =
12V, 5V, and 3.3V (see graph
PHASE LEAD PROVIDED BY
CF).
The most important information on the graph is the fre-
quency range of f
zf which will provide the maximum benefit
(most positive phase shift):
For V
OUT = 12V: 0.1 fc < fz < 1.0 fc
For V
OUT = 5V: 0.2 fc < fz < 1.2 fc
For V
OUT = 3.3V: 0.2 fc < fz < 1.3 fc
It’s also important to note how the maximum available phase
shift that C
F can provide drops off with VOUT. At 12V, more
than 50˚ can be obtained, but at 3.3V less than 30˚ is pos-
sible. The lesson from this is that higher voltage designs are
more tolerant of phase shifts from both f
pg (the gate capaci-
tance pole) and incorrect placement of f
z (which means the
output capacitor ESR is not at its nominal value). At lower
values of V
OUT, these parameters must be more precisely
selected since C
F can not provide as much correction.
GENERAL DESIGN PROCEDURE
Assuming that V
IN,VOUT, and RL are defined:
Low ESR Unstable without Feed-Forward
DS100034-30
Low ESR Corrected with Feed-Forward
DS100034-32
Phase Lead Provided by C
F
DS100034-33
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com