Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2975 Datasheet HTML 1Page - National Semiconductor (TI) LP2975 Datasheet HTML 2Page - National Semiconductor (TI) LP2975 Datasheet HTML 3Page - National Semiconductor (TI) LP2975 Datasheet HTML 4Page - National Semiconductor (TI) LP2975 Datasheet HTML 5Page - National Semiconductor (TI) LP2975 Datasheet HTML 6Page - National Semiconductor (TI) LP2975 Datasheet HTML 7Page - National Semiconductor (TI) LP2975 Datasheet HTML 8Page - National Semiconductor (TI) LP2975 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LP2975
MOSFET LDO Driver/Controller
General Description
A high-current LDO regulator is simple to design with the
LP2975 LDO Controller. Using an external P-FET, the
LP2975 will deliver an ultra low dropout regulator with ex-
tremely low quiescent current.
High open loop gain assures excellent regulation and ripple
rejection performance.
The trimmed internal bandgap reference provides precise
output voltage over the entire operating temperature range.
Dropout voltage is “user selectable” by sizing the external
FET: the minimum input-output voltage required for opera-
tion is the maximum load current multiplied by the R
DS(ON)
of the FET.
Overcurrent protection of the external FET is easily imple-
mented by placing a sense resistor in series with V
IN. The
57 mV detection threshold of the current sense circuitry mini-
mizes dropout voltage and power dissipation in the resistor.
The standard product versions available provide output volt-
ages of 12V, 5V, or 3.3V with guaranteed 25˚C accuracy of
1.5% (“A” grade) and 2.5% (standard grade).
Features
n Simple to use, few external components
n Ultra-small mini SO-8 package
n 1.5% (A grade) precision output voltage
n Low-power shutdown input
n < 1 µA in shutdown
n Low operating current (180 µA typical @ VIN = 5V)
n Wide supply voltage range (1.8V to 24V)
n Built-in current limit amplifier
n Overtemperature protection
n 12V, 5V, and 3.3V standard output voltages
n Can be programmed using external divider
n −40˚C to +125˚C junction temperature range
Applications
n High-current 5V to 3.3V regulator
n Post regulator for switching converter
n Current-limited switch
Block Diagram
Connection Diagram
DS100034-1
*RSET values are: 208k for 12V part, 72.8k for 5V part, and 39.9k for 3.3V
part.
Surface Mount Mini SO-8 Package
DS100034-2
Top View
For Order Numbers
See
Table 1 of this Document
See NS Package Number MUA08A
September 1997
© 1999 National Semiconductor Corporation
DS100034
www.national.com


Similar Part No. - LP2975

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2975 TI1-LP2975 Datasheet
2Mb / 37P
MOSFET LDO Driver/Controller
LP2975AIMM-3.3/NOPB TI1-LP2975AIMM-3.3/NOPB Datasheet
2Mb / 37P
MOSFET LDO Driver/Controller
LP2975AIMM-5.0 TI1-LP2975AIMM-5.0 Datasheet
2Mb / 37P
MOSFET LDO Driver/Controller
LP2975AIMM-5.0/NOPB TI1-LP2975AIMM-5.0/NOPB Datasheet
2Mb / 37P
MOSFET LDO Driver/Controller
LP2975AIMMX-5.0 TI1-LP2975AIMMX-5.0 Datasheet
2Mb / 37P
MOSFET LDO Driver/Controller
More results

Similar Description - LP2975

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
Super LDO??Regulator Controller
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
PWM and LDO Controller Combo
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
LDO Regulator Controller
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
PWM and LDO Controller Combo
logo
Micrel Semiconductor
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
Super LDO??Regulator Controller
MIC5158YM MICREL-MIC5158YM Datasheet
277Kb / 13P
Super LDO Regulator Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
LP2975 TI1-LP2975 Datasheet
2Mb / 37P
MOSFET LDO Driver/Controller
logo
Semtech Corporation
SC32300B SEMTECH-SC32300B Datasheet
533Kb / 18P
Synchronous Power MOSFET Driver With Integrated 3.3V LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com