Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2975 Datasheet HTML 5Page - National Semiconductor (TI) LP2975 Datasheet HTML 6Page - National Semiconductor (TI) LP2975 Datasheet HTML 7Page - National Semiconductor (TI) LP2975 Datasheet HTML 8Page - National Semiconductor (TI) LP2975 Datasheet HTML 9Page - National Semiconductor (TI) LP2975 Datasheet HTML 10Page - National Semiconductor (TI) LP2975 Datasheet HTML 11Page - National Semiconductor (TI) LP2975 Datasheet HTML 12Page - National Semiconductor (TI) LP2975 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Reference Designs (Continued)
photo below). The total overshoot increases from −50 mV to
about −75 mV, and the second “ring” on the transient is no-
ticeably larger.
The design is next tested with only a 4.7 µF output capacitor
(see scope photo below). Observe that the vertical scale has
been increased to 100 mV/division to accommodate the
−250 mV undershoot. More important is the severe ringing
as the transient decays. Most designers would recognize
this immediately as the warning sign of a marginally stable
design.
The reason this design is marginally stable is that the 4.7 µF
output capacitor (along with the 6
Ω output load) sets the pole
f
p at 5 kHz. Analysis shows that the unity-gain frequency of
the loop is increased to about 100 kHz, allowing the FET’s
gate capacitance pole f
pg to cause significant phase shift be-
fore the loop gain goes below unity. Also, because of the low
output voltage, the feedforward capacitor provides less than
10˚ of positive phase shift. For good stability, the output
capcitor needs to be larger than 4.7 µF.
For detailed information on stability and phase margin, see
the
Application Hints section.
DESIGN #3: V
OUT = 1.5V @ 6A. (Refer to Typical
Application Circuits, Adjustable Voltage Regulator)
COMPONENTS:
C
IN = 1000 µF Aluminum Electrolytic
C
OUT = 4 X 330 µF OSCON Aluminum Electrolytic
C
C = NOT USED
R1 = 261
Ω,1%
R2 = 1.21 k
Ω,1%
R
SC =6mΩ
P-FET = NDP6020P
Heatsink: (Assuming V
IN ≤ 3.3V and TA ≤ 60˚C) if protection
against a
continuous short-circuit is required, a heatsink with
θ
S-A < 2.5 ˚C/W must be used. However, if continuous short-
circuit survivability is not needed, a heatsink with
θ
S-A <
7 ˚C/W is adequate.
PERFORMANCE DATA:
Dropout Voltage
Dropout voltage is defined as the minimum input-to-output
differential voltage required by the regulator to keep the out-
put in regulation. It is measured by reducing V
IN until the out-
put voltage drops below the nominal value (the nominal
value is the output voltage measured with V
IN = 3.3V). IL =
6A for this test.
DROPOUT VOLTAGE = 0.68V
Load Regulation
Load regulation is defined as the maximum change in output
voltage as the load current is varied. It is measured by
changing the load resistance and recording the minimum/
maximum output voltage. The measured change in output
voltage is divided by the nominal output voltage and ex-
pressed as a percentage. V
IN = 3.3V for this test.
0
≤ I
L ≤ 6A: LOAD REGULATION = 0.092%
Line Regulation
Line regulation is defined as the maximum change in output
voltage as the input voltage is varied. It is measured by
changing the input voltage and recording the minimum/
maximum output voltage. The measured change in output
voltage is divided by the nominal output voltage and ex-
pressed as a percentage. I
L = 6A for this test.
3.3V
≤ V
IN ≤ 5V: LINE REGULATION = 0.033%
Output Noise Voltage
Output noise voltage was measured by connecting a wide-
band AC voltmeter (HP 400E) directly across the output ca-
pacitor. V
IN = 3.3V and IL = 6A for this test.
NOISE = 60 µV (rms)
Transient Response
Transient response is defined as the change in output volt-
age which occurs after the load current is suddenly changed.
V
IN = 3.3V for this test.
The load resistor is connected to the regulator output using a
switch so that the load current increases from 0 to 6A
abruptly. The change in output voltage is shown in the scope
photo (the vertical scale is 50 mV/division and the horizontal
scale is 20 µs/division. The regulator nominal output (1.5V)
is located on the center line of the photo. A maximum change
of about −80 mV is shown.
DS100034-39
Transient Response with Output Capacitor Halved
DS100034-40
Transient Response with Only 4.7 µF Output Cap
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com