Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP2975 Datasheet HTML 11Page - National Semiconductor (TI) LP2975 Datasheet HTML 12Page - National Semiconductor (TI) LP2975 Datasheet HTML 13Page - National Semiconductor (TI) LP2975 Datasheet HTML 14Page - National Semiconductor (TI) LP2975 Datasheet HTML 15Page - National Semiconductor (TI) LP2975 Datasheet HTML 16Page - National Semiconductor (TI) LP2975 Datasheet HTML 17Page - National Semiconductor (TI) LP2975 Datasheet HTML 18Page - National Semiconductor (TI) LP2975 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Hints (Continued)
that when the total phase shift at 0 dB reaches (or gets close
to) −180˚, oscillations will result. Therefore, it can be seen
that at least two poles in the gain curve are required to
cause instability.
ZERO: A zero has an effect that is exactly
opposite to a pole.
A zero will add a maximum +90˚ of phase lead (defined as
positive phase shift). Also, a zero causes the slope of the
gain curve to increase by an additional +20 dB/decade (see
graph
EFFECTS OF A SINGLE ZERO).
TOTAL PHASE SHIFT: The actual test of whether or not a
regulator is stable is the amount of phase shift that is present
when the gain curve crosses the 0 dB axis (the frequency
where this occurs was previously defined as f
c).
The phase shift at f
c can be estimated by looking at all of the
poles and zeroes on the Bode plot and adding up the contri-
butions of phase lag and lead from each one. As shown in
the graphs, most of the phase lag (or lead) contributed by a
pole (or zero) occurs within one decade of the frequency of
the pole (or zero).
In general, a phase margin (defined as the difference be-
tween the total phase shift and −180˚) of at least 20˚ to 30˚
is required for a stable loop.
STABILITY ANALYSIS OF TYPICAL APPLICATIONS
The first application to be analyzed is a fixed-output voltage
regulator with no feed-forward capacitor (see graph
STABLE
PLOT WITHOUT FEED-FORWARD).
In this example, the value of C
OUT is selected so that the
pole formed by C
OUT and RL (previously defined as fp)isset
at 200 Hz. The ESR of C
OUT is selected so that zero formed
by the ESR and C
OUT (defined as fz) is set at 5 kHz (these
selections follow the general guidelines stated previously in
this document). Note that the gate capacitance is assumed
to be moderate, with the pole formed by the C
GATE (defined
as f
pg) occurring at 100 kHz.
To estimate the total phase margin, the individual phase shift
contributions of each pole and zero will be calculated assum-
ing f
p = 200 Hz, fz = 5 kHz, fc = 10 kHz and fpg = 100 kHz:
Controller pole shift = −90˚
f
p shift = −arctan (10k/200) = −89˚
f
z shift = arctan (10k/5k) = +63˚
f
pg shift = −arctan (10k/100k) = −6˚
Summing the four numbers, the estimate for the total phase
shift is −122˚, which corresponds to a phase margin of 58˚.
This application is stable, but could be improved by using a
feed-forward capacitor (see next section).
EFFECT OF FEED-FORWARD: The example previously
used will be continued with the addition of a feed-forward ca-
pacitor C
F (see graph IMPROVED PHASE MARGIN WITH
FEED-FORWARD). The zero formed by C
F (previously de-
fined as f
zf) is set at 10 kHz and the pole formed by CF (pre-
viously defined as f
pf) is set at 40 kHz (the 4X ratio of fpf/fzf
corresponds to V
OUT = 5V).
Effects of a Single Pole
DS100034-25
Effects of a Single Zero
DS100034-26
Stable Plot without Feed-Forward
DS100034-27
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com