Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2975 Datasheet HTML 4Page - National Semiconductor (TI) LP2975 Datasheet HTML 5Page - National Semiconductor (TI) LP2975 Datasheet HTML 6Page - National Semiconductor (TI) LP2975 Datasheet HTML 7Page - National Semiconductor (TI) LP2975 Datasheet HTML 8Page - National Semiconductor (TI) LP2975 Datasheet HTML 9Page - National Semiconductor (TI) LP2975 Datasheet HTML 10Page - National Semiconductor (TI) LP2975 Datasheet HTML 11Page - National Semiconductor (TI) LP2975 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Reference Designs (Continued)
DESIGN #2: V
OUT =3V @ 0.5A (Refer to Typical
Application Circuits, Adjustable Voltage Regulator)
COMPONENTS:
C
IN = 68 µF Tantalum
C
OUT =2X68µF Tantalum
C
C = 470 pF
R1 = 237 k
Ω,1%
R2 = NOT USED
R
SC = 0.1Ω
Tie feedback pin to V
OUT
P-FET = NDT452P
Heatsink: Tab of N-FET is soldered down to 0.6 in
2 copper
area on PC board.
Output Voltage Adjustment: For this application, a 3.3V part
is “trimmed” down to 3V by using a single external 237 k
Ω re-
sistor at R1, which parallels the internal 39.9 k
Ω resistor (re-
ducing the effective resistance to 34.2 k
Ω).
Because the tempco of the external resistor will not match
the tempco of the internal resistor (which is typically 3000
ppm), this method of adjusting V
OUT by using a single resis-
tor is only recommended in cases where the output voltage
is adjusted
≤ 10% away from the nominal value.
PERFORMANCE DATA:
Dropout Voltage
Dropout voltage is defined as the minimum input-to-output
differential voltage required by the regulator to keep the out-
put in regulation. It is measured by reducing V
IN until the out-
put voltage drops below the nominal value (the nominal
value is the output voltage measured with V
IN = 5V). IL =
0.5A for this test.
DROPOUT VOLTAGE = 141 mV
Load Regulation
Load regulation is defined as the maximum change in output
voltage as the load current is varied. It is measured by
changing the load resistance and recording the minimum/
maximum output voltage. The measured change in output
voltage is divided by the nominal output voltage and ex-
pressed as a percentage. V
IN = 3.5V for this test.
0
≤ I
L ≤ 0.5A: LOAD REGULATION = 0.034%
Line Regulation
Line regulation is defined as the maximum change in output
voltage as the input voltage is varied. It is measured by
changing the input voltage and recording the minimum/
maximum output voltage. The measured change in output
voltage is divided by the nominal output voltage and ex-
pressed as a percentage. I
L = 0.5A for this test.
3.5V
≤ V
IN ≤ 6V: LINE REGULATION = 0.017%
Output Noise Voltage
Output noise voltage was measured by connecting a wide-
band AC voltmeter (HP 400E) directly across the output ca-
pacitor. V
IN = 5V and IL = 0.5A for this test.
NOISE = 85 µV (rms)
Transient Response
Transient response is defined as the change in output volt-
age which occurs after the load current is suddenly changed.
V
IN = 3.5V for this test.
The load resistor is connected to the regulator output using a
switch so that the load current increases from 0 to 0.5A
abruptly. The change in output voltage is shown in the scope
photo (the vertical scale is 20 mV/division and the horizontal
scale is 50 µs/division). The regulator nominal output (3V) is
located on the center line of the photo. A maximum change
of about −50 mV is shown.
Minimizing C
OUT
It is often desirable to decrease the value of C
OUT to save
cost and reduce size. The design guidelines suggest select-
ing C
OUT to set the first pole ≤ 200 Hz (see later section Out-
put Capacitor), but this is not an absolute requirement in all
cases.
The effect of reducing C
OUT is to decrease phase margin. As
phase margin is decreased, the output ringing will increase
when a load step is applied to the output. Eventually, if C
OUT
is made small enough, the regulator will oscillate.
To demonstrate these effects, the value of C
OUT in reference
design #2 is halved by removing one of the two 68 µF output
capacitors and the transient response test is repeated (see
DS100034-37
Transient Response for 0–5A Load Step
DS100034-38
Transient Response for 0–0.5A Load Step
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com