Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2975 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2975
Description  MOSFET LDO Driver/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2975 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2975 Datasheet HTML 3Page - National Semiconductor (TI) LP2975 Datasheet HTML 4Page - National Semiconductor (TI) LP2975 Datasheet HTML 5Page - National Semiconductor (TI) LP2975 Datasheet HTML 6Page - National Semiconductor (TI) LP2975 Datasheet HTML 7Page - National Semiconductor (TI) LP2975 Datasheet HTML 8Page - National Semiconductor (TI) LP2975 Datasheet HTML 9Page - National Semiconductor (TI) LP2975 Datasheet HTML 10Page - National Semiconductor (TI) LP2975 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, CIN = 1 µF, ON/OFF pin
is tied to 1.5V. (Continued)
Reference Designs
The LP2975 controller can be used with virtually any
P-channel MOSFET to build a wide variety of linear voltage
regulators.
Since it would be impossible to document all the different
voltage and current combinations that could be built, a num-
ber of reference designs will be presented along with perfor-
mance data for each.
THE PERFORMANCE DATA SHOWN IS ACTUAL TEST
DATA, BUT IS NOT GUARANTEED.
DESIGN #1: V
OUT =5V @ 5A (Refer to Typical Application
Circuits)
COMPONENTS:
C
IN = 82 µF Aluminum Electrolytic
C
OUT = 120 µF Aluminum Electrolytic
C
F = 220 pF
R
SC =10mΩ
P-FET = NDP6020P
Heatsink: (assuming V
IN ≤ 7V and TA ≤ 60˚C) if protection
against a
continuous short-circuit is required, a heatsink with
θ
S-A ≤ 1.5 ˚C/W must be used. However, if continuous short-
circuit survivability is not needed, a heatsink with
θ
S-A ≤
6 ˚C/W is adequate.
PERFORMANCE DATA:
Dropout Voltage
Dropout voltage is defined as the minumum input-to-output
differential voltage required by the regulator to keep the out-
put in regulation. It is measured by reducing V
IN until the out-
put voltage drops below the nominal value (the nominal
value is the output voltage measured with V
IN = 5.5V). IL =
5A for this test.
DROPOUT VOLTAGE = 323 mV
Load Regulation
Load regulation is defined as the maximum change in output
voltage as the load current is varied. It is measured by
changing the load resistance and recording the minimum/
maximum output voltage. The measured change in output
voltage is divided by the nominal output voltage and ex-
pressed as a percentage. V
IN = 5.6V for this test.
5mA
≤ I
L ≤ 5A: LOAD REGULATION = 0.012%
0
≤ I
L ≤ 5A: LOAD REGULATION = 0.135%
Line Regulation
Line regulation is defined as the maximum change in output
voltage as the input voltage is varied. It is measured by
changing the input voltage and recording the minimum/
maximum output voltage. The measured change in output
voltage is divided by the nominal output voltage and ex-
pressed as a percentage. I
L = 5A for this test.
5.4V
≤ V
IN ≤ 10V: LINE REGULATION = 0.03%
Output Noise Voltage
Output noise voltage was measured by connecting a wide-
band AC voltmeter (HP 400E) directly across the output ca-
pacitor. V
IN = 6V and IL = 5A for this test.
NOISE = 75 µV (rms)
Transient Response
Transient response is defined as the change in output volt-
age which occurs after the load current is suddenly changed.
V
IN = 5.6V for this test.
The load resistor is connected to the regulator output using a
switch so that the load current increases from 0 to 5A
abruptly. The change in output voltage is shown in the scope
photo below (the vertical scale is 200 mV/division and the
horizontal scale is 10 µs/division). The regulator nominal out-
put (5V) is located on the center line of the photo.
The output shows a maximum change of about −600 mV
compared to nominal. This is due to the relatively small out-
put capacitor chosen for this design. Increasing C
OUT greatly
improves transient response (see Designs #2 and #3).
Controller Gain and Phase Response
DS100034-36
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com