Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 98Page - STMicroelectronics L9779WD-SPI Datasheet HTML 99Page - STMicroelectronics L9779WD-SPI Datasheet HTML 100Page - STMicroelectronics L9779WD-SPI Datasheet HTML 101Page - STMicroelectronics L9779WD-SPI Datasheet HTML 102Page - STMicroelectronics L9779WD-SPI Datasheet HTML 103Page - STMicroelectronics L9779WD-SPI Datasheet HTML 104Page - STMicroelectronics L9779WD-SPI Datasheet HTML 105Page - STMicroelectronics L9779WD-SPI Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 141 page
background image
Functional description
L9779WD-SPI
102/141
DocID027721 Rev 2
ERROR COUNTER (EC) and reactions, AB1 COUNTER (AB1_CNT) and
generation of the monitoring module reset
Various actions are initiated for specific counter states of the ERROR COUNTER EC. The
counter reset state is 6.
For ERROR COUNTER (EC) > 4, <WDA_INT> is set to '1', thus activating the open-drain
output [WDA] that is low-active.
Shutdown in an error state in "afterrun"
If the ERROR COUNTER reaches the value "7" and a further error occurs the AB1
COUNTER AB1_CNT is incremented by one during a sequencer-run.
The state "EC = 7 and a further error occurs" is also called ERROR COUNTER overflow
("EC" > 7).
If ERROR COUNTER > 4 AND a soft-reset is detected then the COUNTER AB1_CNT is
also incremented by one. The counter AB1_CNT is a 3 bit counter.
Behaviour of AB1_CNT:
–
asynchronous reset to "000" with RST_UV
–
synchronous reset to "000" IF <WDA_INT> = LOW (EC < 5)
–
IF (AB1_CNT < 7) AND ((sequencer-run AND "EC" > 7) OR soft-reset) THEN
AB1_CNT = AB1_CNT + 1
ELSE unchanged.
The counter cannot be decremented and can be only reset to "000" by an active RST_UV
signal (asynchronous) or <WDA_INT> = '0' (synchronous).
The signal AB1 becomes active '1' when AB1_CNT = "111" and a further error is detected
when the sequencer runs or when AB1_CNT = "111" and a soft-reset is detected.
In "afterrun", the active AB1 signal causes a shut-down of the main relay and the voltage
regulators. This function ensures a secure shutdown of the system in an error state of the
µC in "afterrun".
Table 48. Error counter
ERROR
COUNTER
0 ... 4
5
6 ... 7
Over flow EC > 7
WDA_INT
low – i.e. ‘0’
high – i.e. ‘1’
high – i.e. ‘1’
high – i.e. ‘1’
[WDA]
inactive – i.e. ‘1’
active – i.e. ‘0’
active – i.e. ‘0’
active – i.e. ‘0’
AB1-
COUNTER
0
unchanged
unchanged
incremented
by 1
AB1
low – i.e. ‘0’
unchanged
unchanged
AB1_CNT < 7: low
AB1_CNT 6
 7: low
AB1_CNT 7
 7: high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com