Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 103 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 99Page - STMicroelectronics L9779WD-SPI Datasheet HTML 100Page - STMicroelectronics L9779WD-SPI Datasheet HTML 101Page - STMicroelectronics L9779WD-SPI Datasheet HTML 102Page - STMicroelectronics L9779WD-SPI Datasheet HTML 103Page - STMicroelectronics L9779WD-SPI Datasheet HTML 104Page - STMicroelectronics L9779WD-SPI Datasheet HTML 105Page - STMicroelectronics L9779WD-SPI Datasheet HTML 106Page - STMicroelectronics L9779WD-SPI Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 141 page
background image
DocID027721 Rev 2
103/141
L9779WD-SPI
Functional description
140
Behaviour of AB1:
–
asynchronous reset to "0" with RST_UV
–
synchronous reset to "0" IF <WDA_INT> = '0' (EC < 5)
–
IF (AB1_CNT = 7) AND ((sequencer-run AND further error) OR soft-reset) THEN
AB1 = 1
ELSE unchanged.
Generation of a monitoring module reset
The monitoring module may cause a reset at the pin [RST] named "monitoring module
reset" in conjunction with the internal signal WD_RST. The generation of a monitoring
module reset depends on the state of the bit <INIT_WDR>.
<INIT_WDR> = '0' (reset state):
If <INIT_WDR> = '0', the signal <WD_RST> remains always inactive '0' and the monitoring
module can never generate a reset. The error counter can only be decremented via correct
responses. If <INIT_WDR> = '0' the state of the reset counter <RST_CNT> remains
unchanged when an ERROR COUNTER overflow occurs (description of the reset counter
<RST_CNT> see below).
<INIT_WDR> = '1':
If <INIT_WDR> = '1', an ERROR COUNTER overflow activates a reset [RST] (signal
<WD_RST> becomes active). The signal <WD_RST> becomes active (i.e. '1') due to an
ERROR COUNTER overflow when the value of the 3 bit reset counter <RST_CNT(2-0)> is
0..6. If the value of <RST_CNT> = "111" and an ERROR COUNTER overflow occurs
<WD_RST> remains inactive (i.e. '0') and no reset is generated.
The "reset counter" <RST_CNT> is incremented by one during a sequencer-run due to an
ERROR COUNTER overflow when <INIT_WDR> = '1' and <RST_CNT> is between 0 and
6. If <RST_CNT> = 7 and an ERROR COUNTER overflow occurs, the counter state
remains 7. The counter can not be decremented and can only reset to zero by an active
RST_UV signal.
The occurrence of a monitoring module reset is indicated via the flag <WDG_RST> = '1'.
Reading the flag via SPI clears it automatically.
In effect maximum 7 monitoring module resets can be generated between 2 active RST_UV
signal. (see also state table for <INIT_WDR> = '1' below).
The state of the "reset counter" <RST_CNT> can be read via SPI but cannot be changed.
In a factory testmode the pin [WDA] is always active '0'; the internal signal <WDA_INT> is
not changed by the factory testmodes.
Note:
There is no impact on internal power stages from active pin [WDA] in factory testmode.
Table 49. State for <INIT_WDR> = 1
RST_CNT
old
“EC” > 7 and
sequencer-run
RST_CNT
new
WD_RST
000 .. 111
no
= RST_CNT old
‘0’, no monitoring module reset
000 .. 110
yes
= RST_CNT old + 1
‘1’, thus monitoring module reset
111
yes
= RST_CNT old =111
‘0’, no monitoring module reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com