Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 103Page - STMicroelectronics L9779WD-SPI Datasheet HTML 104Page - STMicroelectronics L9779WD-SPI Datasheet HTML 105Page - STMicroelectronics L9779WD-SPI Datasheet HTML 106Page - STMicroelectronics L9779WD-SPI Datasheet HTML 107Page - STMicroelectronics L9779WD-SPI Datasheet HTML 108Page - STMicroelectronics L9779WD-SPI Datasheet HTML 109Page - STMicroelectronics L9779WD-SPI Datasheet HTML 110Page - STMicroelectronics L9779WD-SPI Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 141 page
background image
DocID027721 Rev 2
107/141
L9779WD-SPI
Functional description
140
to 0ms, then the ERROR COUNTER is incremented by one even if a correct response is
received within the time window. The maximum error reaction time is given by: maximum
response-time, response at the end of a time-window and ERROR COUNTER 0 ' 5 *
(100ms + 12.6ms) = 563ms.
Note that clock-tolerances have to be taken into account additionally.
Watchdog influence on power up/down management unit
The watchdog AB1 counter is increased every time the watchdog error counter is EC > 7,
which means it has an overflow. If the AB1 counter reaches the value of 7 and a further error
occurs, the system will be switched off same as it would happen in case of the already
existing PWL_EN_TIMEOUTN signal.
Watchdog influence on smart power reset
WDA has influence on the RST pin only if the WDA error counter is EC > 7 and the resulting
reset signal "WD_RST" is enabled by SPI configuration bit "INIT_WDR" in WR_RESPTIME
command.
Watchdog influence on Lsa functions (Section 6.8.1)
For LSa functions OUT1, OUT2, OUT3, OUT4 (not OUT5).
In case of an internal WDA event (e.g. the WDA error counter is EC > 4 which results in the
signal WDA_INT being set) or in case of the WDA pin being pulled low externally, the output
stages OUT1, OUT2, OUT3, OUT4 go to inactive state.
Watchdog influence on LSd functions OUT13, OUT14 (starter relay drivers)
Section 6.8.4
In case of an internal WDA event (e.g. the WDA error counter is EC > 4 which results in the
signal WDA_INT being set) or in case of the WDA pin being pulled low externally, the
OUT13 and OUT14 stages go to inactive state after the time delay THOLD if the WDA event
is still active.
Watchdog influence on Ignition drivers IGN1, IGN2, IGN3, IGN4
In case of an internal WDA event (e.g. the WDA error counter is EC > 4 which results in the
signal WDA_INT being set) or in case of the WDA pin is pulled low externally, the output
stages go to inactive state.
Watchdog influence on CAN transceiver
The WDA has influence on the CAN if the SPI configuration bit CAN_TDI is set.
Once the CAN_TDI bit is set, in case of an internal WDA event (e.g. the WDA error counter
is EC > 4 which results in the signal WDA_INT being set) or in case of the WDA pin is pulled
low externally, the CAN goes to receive-only mode (RxOnly).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com