Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 106Page - STMicroelectronics L9779WD-SPI Datasheet HTML 107Page - STMicroelectronics L9779WD-SPI Datasheet HTML 108Page - STMicroelectronics L9779WD-SPI Datasheet HTML 109Page - STMicroelectronics L9779WD-SPI Datasheet HTML 110Page - STMicroelectronics L9779WD-SPI Datasheet HTML 111Page - STMicroelectronics L9779WD-SPI Datasheet HTML 112Page - STMicroelectronics L9779WD-SPI Datasheet HTML 113Page - STMicroelectronics L9779WD-SPI Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 141 page
background image
Functional description
L9779WD-SPI
110/141
DocID027721 Rev 2
Electrical characteristics
-
6.16.3
SPI registers
Table 54. Electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
SCK
SCKL
Low input level
-
-0.3
-
1.1
V
SCKH
High input level
-
2.3
-
VDD5
+0.3
V
VHYST
Hysteresis
-
0.1
-
-
V
IIN
Input current
-
-
5
µA
DIN
SCKL
Low input level
-
-0.3
-
1.1
V
SCKH
High input level
-
2.3
-
VDD5
+0.3
V
VHYST
Hysteresis
-
0.1
-
-
V
IIN
Input current
-
-
-
5
µA
DO
VDO_L
DO output low level
Isink current = 2 mA
-
-
0.5
V
VDO_H
DO output high level Isource current = 2 mA
VDD5
-0.5
--
V
CS
ENL
Low input level
-
-0.3
-
1.1
V
ENH
High input level
-
2.3
-
VDD5
+0.3
V
VHYST
Hysteresis
-
0.1
-
-
V
IIN
Input current
-
-
-
5
µA
RPU
Pull up resistor
-
50
-
250
k
Table 55. SPI registers
Register
R/W
Address
Description
CONFIG_REG1
W
0x01
Configuration registers
CONFIG_REG2
W
0x02
CONFIG_REG3
W
0x03
CONFIG_REG4
W
0x04
CONFIG_REG5
W
0x05
CONFIG_REG6
W
0x06
CONFIG_REG7
W
0x07
CONFIG_REG9/SPI RESPTIME
W
0x11
CONFIG_REG10/CPS
W
0x12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com