Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD-SPI Datasheet(PDF) 112 Page - STMicroelectronics

Part # L9779WD-SPI
Description  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI Datasheet(HTML) 112 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 108Page - STMicroelectronics L9779WD-SPI Datasheet HTML 109Page - STMicroelectronics L9779WD-SPI Datasheet HTML 110Page - STMicroelectronics L9779WD-SPI Datasheet HTML 111Page - STMicroelectronics L9779WD-SPI Datasheet HTML 112Page - STMicroelectronics L9779WD-SPI Datasheet HTML 113Page - STMicroelectronics L9779WD-SPI Datasheet HTML 114Page - STMicroelectronics L9779WD-SPI Datasheet HTML 115Page - STMicroelectronics L9779WD-SPI Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 141 page
background image
Functional description
L9779WD-SPI
112/141
DocID027721 Rev 2
Command register
This command disables (“lock”) writing of all configuration registers. The commands have
no relevant data as command data bit – they may be set to ‘1’ or ‘0’.
Default state is configuration registers not locked.
The content of lockable bit is valid both if the bits are locked or if they are unlocked. Writing
data to the bit is possible if the bits are unlocked; the new values become valid during the
execution of the write command.
This command generates a L9779WD-SPI internal reset initiated by the µC’s software
(“software reset”) that clears all the configuration and diagnostic registers and switch-off all
the drivers.
The command has no relevant data as command data bit – they may be set to ‘1’ or ‘0’.
Table 56. CLOCK_UNLOCK_SW_RST
Bit
DIN
DO
15
X
SPI ERROR
14
ADD(4)
ADD(4)
13
ADD(3)
ADD(3)
12
ADD(2)
ADD(2)
11
ADD(1)
ADD(1)
10
ADD(0)
ADD(0)
9X0
8X0
7X0
6X0
5X0
4X0
3X0
2
SW_RESET
0
1LOCK
LOCK
0
Odd Parity
Odd Parity
Table 57. START_REACT
Bit
DIN
DO
15
X
SPI ERROR
14
ADD(4)
ADD(4)
13
ADD(3)
ADD(3)
12
ADD(2)
ADD(2)
11
ADD(1)
ADD(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com