Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPSGRF Datasheet HTML 5Page - STMicroelectronics SPSGRF Datasheet HTML 6Page - STMicroelectronics SPSGRF Datasheet HTML 7Page - STMicroelectronics SPSGRF Datasheet HTML 8Page - STMicroelectronics SPSGRF Datasheet HTML 9Page - STMicroelectronics SPSGRF Datasheet HTML 10Page - STMicroelectronics SPSGRF Datasheet HTML 11Page - STMicroelectronics SPSGRF Datasheet HTML 12Page - STMicroelectronics SPSGRF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID027664 Rev 5
9/23
SPSGRF
Hardware specifications
23
Table 8. SPSGRF-868 or 915 module conducted typical performance before the RF
antenna circuits (negative RF power signal values measured)
Parameter
Test conditions(1)
Conducted
programmable value
Measured
conducted
value Typ.
Unit
Tx RF
conducted
power
(before the
antennas
circuits)
Tx, -1 dBm, 2-FSK, 868 MHz
Tx, -1 dBm, 2-FSK, 915 MHz
-1.0
-1.1
dBm
Tx, -2 dBm, 2-FSK, 868 MHz
Tx, -2 dBm, 2-FSK, 915 MHz
-2.0
-2.3
dBm
Tx, -3 dBm, 2-FSK, 868 MHz
Tx, -3 dBm, 2-FSK, 915 MHz
-3.0
-3.4
dBm
Tx, -4 dBm, 2-FSK, 868 MHz
Tx, -4 dBm, 2-FSK, 915 MHz
-4.0
-4.9
dBm
Tx, -5 dBm, 2-FSK, 868 MHz
Tx, -5 dBm, 2-FSK, 915 MHz
-5.0
-5.8
dBm
Tx, -6 dBm, 2-FSK, 868 MHz
Tx, -6 dBm, 2-FSK, 915 MHz
-6.0
-6.9
dBm
Tx, -7 dBm, 2-FSK, 868 MHz
Tx, -7 dBm, 2-FSK, 915 MHz
-7.0
-6.5
dBm
Tx, -8 dBm, 2-FSK, 868 MHz
Tx, -8 dBm, 2-FSK, 915 MHz
-8.0
-7.3
dBm
Tx, -9 dBm, 2-FSK, 868 MHz
Tx, -9 dBm, 2-FSK, 915 MHz
-9.0
-8.2
dBm
Tx, -10 dBm, 2-FSK, 868 MHz
Tx, -10 dBm, 2-FSK, 915 MHz
-10.0
-9.7
dBm
Tx, -15 dBm, 2-FSK, 868 MHz
Tx, -15 dBm, 2-FSK, 915 MHz
-15.0
-14.6
dBm
Tx, -20 dBm, 2-FSK, 868 MHz
Tx, -20 dBm, 2-FSK, 915 MHz
-20.0
-19.2
dBm
Tx, -25 dBm, 2-FSK, 868 MHz
Tx, -25 dBm, 2-FSK, 915 MHz
-25.0
-23.3
dBm
Tx, -30 dBm, 2-FSK, 868 MHz
Tx, -30 dBm, 2-FSK, 915 MHz
-30.0
-26.2
dBm
Tx, -35 dBm, 2-FSK, 868 MHz
Tx, -35 dBm, 2-FSK, 915 MHz
-35.0
-27.8
dBm
1.
Operating mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com