Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPSGRF Datasheet HTML 6Page - STMicroelectronics SPSGRF Datasheet HTML 7Page - STMicroelectronics SPSGRF Datasheet HTML 8Page - STMicroelectronics SPSGRF Datasheet HTML 9Page - STMicroelectronics SPSGRF Datasheet HTML 10Page - STMicroelectronics SPSGRF Datasheet HTML 11Page - STMicroelectronics SPSGRF Datasheet HTML 12Page - STMicroelectronics SPSGRF Datasheet HTML 13Page - STMicroelectronics SPSGRF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Hardware specifications
SPSGRF
10/23
DocID027664 Rev 5
3.6
Pin connections
Figure 3. Pin connection diagram
Table 9. Pin assignment
Name
Type
Pin#
Description
Alt
function
V max. tolerance
Initial state
SPI interface
SPI_CLK
I
7
SPI CLOCK (Max. 8 MHz)
Vin
SPI_MISO
O
8
SPI MISO (MASTER in / SLAVE out)
Vin
SPI_MOSI
I
9
SPI MOSI (MASTER out SLAVE in)
Vin
SPI_CS
I
10
SPI “Chip Select” (SPI slave select)
Vin
Power and ground
Vin
5Vin
(1.8V - 3.6V max.)
GND
6
GND
Module shutdown
SDN
I
11
Shutdown input (active high)
(1.8V - 3.6V max.)
GPIO - general purpose input/output
GPIO [0]
I/O
4
Programmable input / output &
analog temperature output
(1.8V - Vin max.)
Digital output.
Low power
GPIO [1]
I/O
3
Programmable input / output
(1.8V - Vin max.)
Digital output.
Low power
GPIO [2]
I/O
2
Programmable input / output
(1.8V - Vin max.)
Digital output.
Low power
GPIO [3]
I/O
1
Programmable input / output
(1.8V - Vin max.)
Digital output.
Low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com