Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPSGRF Datasheet HTML 14Page - STMicroelectronics SPSGRF Datasheet HTML 15Page - STMicroelectronics SPSGRF Datasheet HTML 16Page - STMicroelectronics SPSGRF Datasheet HTML 17Page - STMicroelectronics SPSGRF Datasheet HTML 18Page - STMicroelectronics SPSGRF Datasheet HTML 19Page - STMicroelectronics SPSGRF Datasheet HTML 20Page - STMicroelectronics SPSGRF Datasheet HTML 21Page - STMicroelectronics SPSGRF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Module traceability and marking
SPSGRF
18/23
DocID027664 Rev 5
7
Module traceability and marking
The SPSGRF bottom-side label contains the following information:
Model: “MODEL: SPSGRF-915” indicating the SPSGRF RF module family
FCC USA Certification Identification number: “FCCID:S9NSPSGRF”. This code is valid
only for 915 MHz frequency band
IC Canada certification number: “IC: 8976C-SPSGRF”. This code is used only for the
Canadian market
2D laser data matrix
Figure 7. SPSGRF bottom side
Each module is univocally identified by serial number stored in a 2D laser data matrix
marked on the bottom of the module.
The figure below shows the standard bottom-side QR-code laser marking.
Figure 8. SPSGRF QR-code laser marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com