Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 5 Page - STMicroelectronics

  SPSGRF Datasheet HTML 1Page - STMicroelectronics SPSGRF Datasheet HTML 2Page - STMicroelectronics SPSGRF Datasheet HTML 3Page - STMicroelectronics SPSGRF Datasheet HTML 4Page - STMicroelectronics SPSGRF Datasheet HTML 5Page - STMicroelectronics SPSGRF Datasheet HTML 6Page - STMicroelectronics SPSGRF Datasheet HTML 7Page - STMicroelectronics SPSGRF Datasheet HTML 8Page - STMicroelectronics SPSGRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID027664 Rev 5
5/23
SPSGRF
Hardware specifications
23
3
Hardware specifications
3.1
Absolute maximum ratings
General conditions (VIN= 3.3 V and 25 °C)
3.2
Recommended operating conditions
3.3
Module current consumption
Table 1. Absolute maximum ratings
Rating
Min.
Typ.
Max.
Unit
Storage temperature range
-40
+85
°C
Supply voltage, VIN
-0.3
3.9
V
I/O pin voltage
-0.3
3.9
V
RF saturation input power
+10
dBm
Table 2. Recommended operating conditions
Rating
Min.
Typ.
Max.
Unit
Operating temperature range
-40
+85
°C
Supply voltage, VIN
1.8
3.3
3.6
V
Signals & I/O pin voltage (according
supply voltage)
1.8
3.6
V
RF frequency bandwidth
(SPSGRF-868)
863
870
MHz
RF frequency bandwidth
(SPSGRF-915)
902
928
MHz
Table 3. SPSGRF-868 module
Symbol
Parameter
Test conditions
Typ.
Unit
IDD
Supply current
Operating mode
Tx, +11.6 dBm, 2-FSK, 868 MHz
22
mA
Operating mode
Tx, - 7 dBm, 2-FSK, 868 MHz
9mA
Operating mode Rx, 868MHz
10
mA
Command mode
0.6
mA
Shutdown high level -VDD
(with other I/O in High impedance)
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com