Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPSGRF Datasheet HTML 10Page - STMicroelectronics SPSGRF Datasheet HTML 11Page - STMicroelectronics SPSGRF Datasheet HTML 12Page - STMicroelectronics SPSGRF Datasheet HTML 13Page - STMicroelectronics SPSGRF Datasheet HTML 14Page - STMicroelectronics SPSGRF Datasheet HTML 15Page - STMicroelectronics SPSGRF Datasheet HTML 16Page - STMicroelectronics SPSGRF Datasheet HTML 17Page - STMicroelectronics SPSGRF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Regulatory compliance
SPSGRF
14/23
DocID027664 Rev 5
6
Regulatory compliance
6.1
FCC certification
The SPSGRF-915 module has been tested and found compliant with the FCC part 15 rules.
These limits are designed to provide reasonable protection against harmful interference in
approved installations. This equipment generates, uses, and can radiate radio frequency
energy and, if not installed and used in accordance with the instructions, may cause harmful
interference to radio communications.
However, there is no guarantee that interference may not occur in a particular installation.
This device complies with part 15 of the FCC rules. Operation is subject to the following two
conditions: (1) this device may not cause harmful interference, and (2) this device must
accept any interference received, including interference that may cause undesired
operation.
Modifications or changes to this equipment not expressly approved by STMicroelectronics
may render void the user's authority to operate this equipment.
Modular approval
FCC ID: S9NSPSGRF
In accordance with FCC part 15, the SPSGRF-915 is listed as a modular transmitter device.
This module is evaluated for stand-alone use only. Finished products incorporating multiple
transmitters must comply with collocation and RF exposure requirements in accordance
with FCC multi-transmitter product procedures. Collocated transmitters operating in portable
RF exposure conditions (e.g. <20 cm from persons including but not limited to body worn
and hand-held devices) may require separate approval.
6.1.1
Labeling instructions
When integrating the SPSGRF-915 into the final product, the OEM must ensure that the
FCC labeling requirements are satisfied. A statement must be included on the exterior of the
final product which indicates that the product includes a certified module. The label should
state the following (or similar wording that conveys the same meaning):
The OEM must include the following statements on the exterior of the final product unless
the product is too small (e.g. less than 4 x 4 inches):
This device complies with part 15 of the FCC rules. Operation is subject to the following two
conditions:
1.
this device may not cause harmful interference
2.
this device must accept any interference received, including any interference that may
cause undesired operation.
Contains FCC ID: S9NSPSGRF
OR
This product contains FCC ID: S9NSPSGRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com