Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 4 Page - STMicroelectronics

  SPSGRF Datasheet HTML 1Page - STMicroelectronics SPSGRF Datasheet HTML 2Page - STMicroelectronics SPSGRF Datasheet HTML 3Page - STMicroelectronics SPSGRF Datasheet HTML 4Page - STMicroelectronics SPSGRF Datasheet HTML 5Page - STMicroelectronics SPSGRF Datasheet HTML 6Page - STMicroelectronics SPSGRF Datasheet HTML 7Page - STMicroelectronics SPSGRF Datasheet HTML 8Page - STMicroelectronics SPSGRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SPSGRF module functional behavior
SPSGRF
4/23
DocID027664 Rev 5
2
SPSGRF module functional behavior
The SPIRIT1 device in the SPSGRF module is equipped with a built-in main controller which
controls the switching between the two main operating modes: transmit (TX) and receive
(RX).
In shutdown condition, the SPSGRF module can be switched on/off with the external SDN
pin; all other functions/registers/commands are available through the SPI interface and
GPIOs. No internal supply is generated (in order to minimize battery leakage), and therefore
all stored data and configurations are lost.
The GPIO and SPI ports of the module during shutdown are in HiZ. From the SHUTDOWN
state, the SPSGRF module can be switched on from the SDN pin and goes into a READY
state, which is the default, where the reference signal from XO is available.
From the READY state, the SPSGRF module can be moved to a LOCK state to generate
the high precision LO signal and/or TX or RX modes. Switching from RX to TX and vice-
versa can occur only by passing through the LOCK state. This operation is normally
managed by radio control with a single user command (TX or RX).
At the end of the events above, the SPSGRF module can return to its default state (READY)
and can then be put into a sleep condition (SLEEP state), characterized by very low power
consumption.
If no timeout is required, the SPSGRF module can be moved from READY to STANDBY
state, which has the lowest possible current consumption while retaining FIFO, status and
configuration registers. To manage the transitions towards and between these operating
modes, the controller works as a state machine, the state switching of which is driven by SPI
commands.
Figure 2. Module functional state transitions diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com