Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPSGRF Datasheet HTML 12Page - STMicroelectronics SPSGRF Datasheet HTML 13Page - STMicroelectronics SPSGRF Datasheet HTML 14Page - STMicroelectronics SPSGRF Datasheet HTML 15Page - STMicroelectronics SPSGRF Datasheet HTML 16Page - STMicroelectronics SPSGRF Datasheet HTML 17Page - STMicroelectronics SPSGRF Datasheet HTML 18Page - STMicroelectronics SPSGRF Datasheet HTML 19Page - STMicroelectronics SPSGRF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Regulatory compliance
SPSGRF
16/23
DocID027664 Rev 5
Modifications or changes to this equipment not expressly approved by STMicroelectronics
may render void the user's authority to operate this equipment.
Modular approval
IC: 8976C-SPSGRF
In accordance with IC RSS-210, the SPSGRF-915 is listed as a modular transmitter device.
This module is evaluated for stand-alone use only. Finished products incorporating multiple
transmitters must comply with collocation and RF exposure requirements in accordance
with IC multi-transmitter product procedures. Collocated transmitters operating in portable
RF exposure conditions (e.g. <20 cm from persons including but not limited to body worn
and hand-held devices) may require separate approval.
6.2.1
Labeling instructions
When integrating the SPSGRF-915 into the final product, the OEM must ensure that the IC
labeling requirements are satisfied. A statement must be included on the exterior of the final
product which indicates that the product includes a certified module. The label should state
the following (or similar wording that conveys the same meaning):
The OEM must include the following statements on the exterior of the final product unless
the product is too small (e.g. less than 4 x 4 inches):
“This device complies with RSS-210 of the IC Rules. Operation is subject to the following
two conditions:
1.
this device may not cause harmful interference
2.
this device must accept any interference received, including any interference that may
cause undesired operation.”
6.2.2
Product manual instructions
This section applies to OEM final products containing the SPSGRF-915 module, subject to
IC compliance. The final product manual must contain the following statement (or a similar
statement that conveys the same meaning):
“Warning: Changes or modifications not expressly approved by the party responsible for
compliance could void the user's authority to operate the equipment. (RSS-210)”
In the case where an OEM seeks Class B (residential) limits for the final product, the
following statement must be included in the final product manual:
“Note: This equipment has been tested and found to comply with the limits for a Class B
digital device, pursuant to RSS-210 of the IC Rules. These limits are designed to provide
reasonable protection against harmful interference in a residential installation. This
equipment generates, uses and can radiate radio frequency energy and, if not installed and
used in accordance with the instructions, may cause harmful interference to radio
communications. However, there is no guarantee that interference will not occur in a
particular installation. If this equipment does cause harmful interference to radio or
Contains IC ID: 8976C-SPSGRF
OR
This product contains IC ID: 8976C-SPSGRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com