Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSGRF Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPSGRF
Description  Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSGRF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPSGRF Datasheet HTML 8Page - STMicroelectronics SPSGRF Datasheet HTML 9Page - STMicroelectronics SPSGRF Datasheet HTML 10Page - STMicroelectronics SPSGRF Datasheet HTML 11Page - STMicroelectronics SPSGRF Datasheet HTML 12Page - STMicroelectronics SPSGRF Datasheet HTML 13Page - STMicroelectronics SPSGRF Datasheet HTML 14Page - STMicroelectronics SPSGRF Datasheet HTML 15Page - STMicroelectronics SPSGRF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Hardware design
SPSGRF
12/23
DocID027664 Rev 5
5
Hardware design
The SPSGRF module supports SPI hardware interfaces.
Note:
- All unused pins should be left floating; do not ground.
- All GND pins must be well grounded.
- The area around the module should be free of any ground planes, power planes, trace
routings, or metal for 6 mm from the module antenna position, in all directions.
- Traces should not be routed underneath the module
5.1
Reflow soldering
The SPSGRF is a surface mount sub-1 GHz transceiver module supplied on an 11 pin, 4-
layer PCB. The final assembly recommended reflow profiles are indicated below.
The soldering phase must be executed with care. In order to avoid an undesired melting
phenomenon, particular attention should be given to the setup of the peak temperature.
Table 10 provides suggestions for the temperature profile based on IPC/JEDEC J-STD-
020C, July 2004 recommendations.
Table 10. Soldering recommendations
Profile feature
PB-free assembly
Average ramp up rate (TSMAX to Tp)
3°C/ sec max
Preheat
Temperature min (TS min)
150 °C
Temperature max (TS max)
200 °C
Time (tS min to tS max) (tS)
60-100 sec
Time maintained above:
Temperature TL
217 °C
Time tL
60-70 sec
Peak temperature (TP)240 + 0 °C
Time within 5 °C of actual peak temperature (tP)
10-20 sec
Ramp down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com