Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5506
Data Sheet
Rev. A | Page 6 of 23
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
4500 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
42
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −35 dBm, −30 dBm, and
−10 dBm
3
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −35 dBm, −30 dBm, and
−10 dBm
−39
dBm
Deviation vs. Temperature
Deviation from output at 25°C, 3 V
TA = −40°C; PIN = −30 dBm
−3.2
dB
0°C < TA < 85°C; PIN = −30 dBm
+0.5/−0.82
dB
TA = −40°C; PIN = −10 dBm
−3.1
dB
0°C < TA < 85°C; PIN = −10 dBm
+0.1/−0.72
dB
Logarithmic Slope
Calibration at −30 dBm and −10 dBm
16.7
mV/dB
Logarithmic Intercept
Calibration at −30 dBm and −10 dBm
−50
dBm
Output Voltage—High Power Input
PIN = −10 dBm
684
mV
Output Voltage—Low Power Input
PIN = −30 dBm
350
mV
1
See Figure 32.
2
The slash indicates a range. For example, +0.9/−0.6 means +0.9 to −0.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com