Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
ADL5506
Rev. A | Page 11 of 23
Figure 15. VLOG and Log Conformance Error vs. PIN over Temperature at 450 MHz
Figure 16. VLOG and Log Conformance Error vs. PIN over Temperature at 900 MHz
Figure 17. VLOG and Log Conformance Error vs. PIN over Temperature at 1900 MHz
Figure 18. Distribution of Log Conformance Error with Respect to VLOG at 25°C
vs. PIN and Temperature at 450 MHz
Figure 19. Distribution of Log Conformance Error with Respect to VLOG at 25°C
vs. PIN and Temperature at 900 MHz
Figure 20. Distribution of Log Conformance Error with Respect to VLOG at 25°C
vs. PIN and Temperature at 1900 MHz
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
THREE-POINT CALIBRATION
AT –40dBm, –30dBm, AND –8dBm
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
THREE-POINT CALIBRATION
AT –40dBm, –30dBm, AND –10dBm
PIN (dBm)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
THREE-POINT CALIBRATION
AT –40dBm, –30dBm, AND –10dBm
PIN (dBm)
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CALIBRATION AT –30dBm AND –10dBm
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
CALIBRATION AT –30dBm AND –10dBm
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
CALIBRATION AT –30dBm AND –10dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com