Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5506
Data Sheet
Rev. A | Page 20 of 23
Effect of Waveform Type on Intercept
Although specified for input levels in decibels relative to 1 mW
(dBm), the ADL5506 fundamentally responds to voltage and
not to power. A direct consequence of this characteristic is that
input signals of equal rms power but differing crest factors,
produce different results at the output of the log amplifier.
The effect of differing signal waveforms is to shift the effective
value of the intercept upwards or downwards. Graphically, this
looks like a vertical shift in the transfer function of the log
amplifier. The logarithmic slope, however, is not affected. For
example, consider the case of the ADL5506 being alternately fed
by an unmodulated sine wave and by a 64 QAM signal of the
same rms power. The output voltage of the ADL5506 differs by
the equivalent of 1.6 dB (31 mV) over the complete dynamic
range of the device (with the output for a 64 QAM input being
lower).
Figure 35 and Figure 38 shows the transfer function of the
ADL5506 when driven by both an unmodulated sine wave and
several different signal waveforms. For precision operation,
calibrate the ADL5506 for each signal type that is driving it. To
measure the rms power of a 64 QAM input, for example, add
the millivolt equivalent of the decibel value of the intercept shift
(18.5 mV/dB × 1.5 dB) to the output voltage of the ADL5506.
Temperature Drift at High Frequencies
Figure 23 and Figure 27 show the log slope and error over
temperature for a 3.5 GHz and 4.5 GHz input signal, respectively.
Error due to drift over temperature consistently remains within
±0.5 dB for a temperature range of 0°C to 85°C. Temperatures
below 0°C begin to exhibit error beyond 0.5 dB with error
becoming no worse than −3 dB typical at −40°C. For all
frequencies using a reduced temperature range, higher
measurement accuracy is achievable.
Operation Above 4.5 GHz
The ADL5506 works at high frequencies but exhibits slightly
higher output voltage temperature drift, especially at cold
temperatures as described in the Temperature Drift at High
Frequencies section. Figure 49 and Figure 50 show VLOG vs. PIN
over frequency from 30 MHz to 6 GHz. The ADL5506 exhibits
a significant intercept shift, high power ripple, and a continued
decrease of the slope, which all contribute to a decrease in
dynamic range. The changes in performance that occur as
frequency is increased is partly due to less energy transferring
into the device and partly to the bandwidth limitation of the
limiting amplifier stages.
Figure 49. VLOG vs. PIN over Frequency (30 MHz to 4500 MHz)
Figure 50. VLOG vs. PIN over Frequency (4.5 GHz to 6 GHz)
10
0
–10
–20
–30
–40
–50
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
PIN (dBm)
30MHz
50MHz
100MHz
450MHz
900MHz
1900MHz
2140MHz
2700MHz
3500MHz
4500MHz
10
0
–10
–20
–30
–40
–50
1.2
1.0
0.8
0.6
0.4
0
0.2
PIN (dBm)
4.5GHz
5GHz
5.5GHz
6GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com