Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
ADL5506
Rev. A | Page 17 of 23
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 42 shows the basic connections for measurement mode.
A supply voltage of 2.5 V to 5.5 V is required. Decouple the
supply to the VPOS pin with a low inductance 0.1 μF surface-
mount ceramic capacitor. A series resistor of about 10 Ω can be
added; this resistor slightly reduces the supply voltage to the
ADL5506 and depends on the load resistance at the output to
ground. Avoid its use in applications where the power supply
voltage is very low. A series inductor provides similar power
supply filtering with minimal drop in supply voltage.
Figure 42. Basic Connections
The ADL5506 has an internal input coupling capacitor. This
eliminates the need for external ac coupling. In this example, a
broadband input match is achieved by connecting a 52.3 Ω
resistor between RFIN and ground. This resistance combines
with the internal input impedance to give an overall broadband
input resistance of 50 Ω. Several other coupling methods are
possible; these are described in the Input Coupling Options
section.
Ensure that the load resistance on VLOG is not lower than 600 Ω
so that the full-scale output can be generated with the limited
available sourcing current of 4 mA. Figure 43 shows the
logarithmic conformance under the same conditions.
Figure 43. VLOG and Log Conformance Error vs. Input Level at 900 MHz
TRANSFER FUNCTION IN TERMS OF SLOPE AND
INTERCEPT
The transfer function of the ADL5506 is characterized in terms
of its slope and intercept. The logarithmic slope is defined as the
change in the RSSI output voltage for a 1 dB change at the input.
For the ADL5506, the slope is nominally 18 mV/dB. Therefore,
a 10 dB change at the input results in a change at the output of
approximately 180 mV. Figure 43 shows the range over which
the device maintains its constant slope. The dynamic range can
be defined as the range over which the error remains within a
certain band, usually ±1 dB or ±3 dB. In Figure 43 for example,
the ±1 dB dynamic range is approximately 46 dB (from
−44 dBm to +2 dBm).
The intercept is the point at which the extrapolated linear
response intersects the horizontal axis (see Figure 43). Using the
slope and intercept, calculate the output voltage for any input
level within the specified input range, or calculate the input
level from the output voltage by the following complementary
equations:
VLOG = VSLOPE × (PIN – PO)
PIN = (VLOG/VSLOPE) + PO
where:
VLOG is the demodulated and filtered RSSI output, in V.
VSLOPE is the logarithmic slope, expressed in V/dB.
PIN is the input signal, expressed in decibels relative to some
reference level (dBm in this case).
PO is the logarithmic intercept, expressed in decibels relative to
the same reference level.
For example, at an input level of −27 dBm, the VLOG output
voltage is
VLOG = 0.018 V/dB × [−27 dBm −(−56 dBm)] = 0.522 V
VLOG
VPOS
ADL5506
ENBL
1
VLOG
2
COMM
3
CFTL
6
VPOS
5
RFIN
4
VPOS
INPUT
52.3Ω
0.1µF
100pF
NC
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
ERROR
INTERCEPT
VLOG
±3dB DYNAMIC RANGE
±1dB DYNAMIC RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com