Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADL5506
Data Sheet
Rev. A | Page 14 of 23
Figure 33. Distribution of VLOG at 900 MHz, 25°C, PIN = −30 dBm
Figure 34. Distribution of Intercept at 900 MHz, 25°C
Figure 35. Error from CW Linear Reference vs. Signal Modulation
(Four-Carrier W-CDMA, LTE TM1 One-Carrier 20 MHz, One-Carrier W-CDMA,
16 QAM, 64 QAM, QPSK), Frequency = 100 MHz
Figure 36. Distribution of VLOG at 900 MHz, 25°C, PIN = −6 dBm
Figure 37. Distribution of Slope at 900 MHz, 25°C
Figure 38. Error from CW Linear Reference vs. Signal Modulation
(Four-Carrier W-CDMA, LTE TM1 One-Carrier 20 MHz, One-Carrier W-CDMA,
16 QAM, 64 QAM, QPSK), Frequency = 2.14 GHz
14000
12000
10000
8000
6000
4000
2000
0
300
400
500
600
OUTPUT VOLTAGE (mV)
INTERCEPT (dBm)
–65
–60
–50
–45
–55
15000
18000
12000
9000
6000
3000
0
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CW
4-CARRIER W-CDMA PEP = 12.08dB
LTE TM1 1-CARRIER 20MHz PEP = 11.58dB
1-CARRIER W-CDMA PEP = 10.56dB
16 QAM PEP = 6.34dB
64 QAM PEP = 7.17dB
QPSK PEP = 3.8dB
THREE POINT CALIBRATION AT
–40dBm, –30dBm AND –10dBm
800
850
900
950
1000
1050
1100
OUTPUT VOLTAGE (mV)
12000
10000
8000
6000
4000
2000
0
14000
16000
12000
10000
8000
6000
16
17
SLOPE (mV/dB)
18
19
20
4000
2000
0
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CW
4-CARRIER W-CDMA PEP = 12.08dB
LTE TM1 1-CARRIER 20MHz PEP = 11.58dB
1-CARRIER W-CDMA PEP = 10.56dB
16 QAM PEP = 6.34dB
64 QAM PEP = 7.17dB
QPSK PEP = 3.8dB
THREE POINT CALIBRATION AT
–40dBm, –30dBm AND –10dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com