Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5506ACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5506ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADL5506ACBZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5506
Data Sheet
Rev. A | Page 16 of 23
THEORY OF OPERATION
The ADL5506 is a logarithmic detector (log amp), based on the
principle of successive compression. It is similar in design to the
AD8312 and is fabricated on an advanced BiCMOS process. It
comes in a smaller 0.8 mm × 1.2 mm WLCSP package and
offers 4.5 GHz RF bandwidth. Figure 41 shows the main
features of the ADL5506 in block schematic form.
The ADL5506 combines two key functions needed for the
measurement of signal level over a moderately wide dynamic
range. First, it provides the amplification needed to respond to
small signals in a chain of four amplifier/limiter cells, each having
a small signal gain of 10 dB and a bandwidth of approximately
4.5 GHz. At the output of each amplifier stage is a full wave
rectifier, essentially a square law detector cell that converts the
RF signal voltages to a fluctuating current with an average value
that increases with signal level. A further passive detector stage
is added preceding the first stage. Therefore, there are five
detectors, each separated by 10 dB, spanning about 50 dB of
dynamic range. The overall accuracy at the extremes of this
total range, viewed as the deviation from an ideal logarithmic
response, that is, the log conformance error, can be judged by
referencing Figure 5, Figure 7, and Figure 8, which show that
errors across the central 40 dB are moderate. These figures
show how the conformance to an ideal logarithmic function
varies with temperature, frequency, and supply voltage.
The output of these detector cells is in the form of a differential
current, making their summation a simple matter. It can easily
be shown that such summation closely approximates a logarithmic
function. This result is then converted to a voltage at the VLOG
pin through a high gain stage. This output is connected back to
a voltage-to-current (V-to-I) stage, in such a manner that VLOG
is a logarithmic measure of the RF input voltage with a slope
and intercept controlled by the design. For a fixed termination
resistance at the input of the ADL5506, a given voltage
corresponds to a certain power level.
The external termination added before the ADL5506 determines
the effective power scaling. This often takes the form of a
simple resistor (52.3 Ω provides a net 50 Ω input), but more
elaborate matching networks can be used. This impedance
determines the logarithmic intercept, the input power for which
the output crosses the baseline (VLOG = 0 V) if the function were
continuous for all values of input. Because this is never the case
for a practical log amp, the intercept refers to the value obtained
by the minimum error, straight line fit to the actual graph of
VLOG vs. input power. The quoted values in Table 1 assume a
sinusoidal (CW) signal. Where there is complex modulation, as
in CDMA, the calibration of the power response needs to be
adjusted accordingly. Where a true power (waveform independ-
ent) response is needed, consider the use of an rms responding
detector, such as the ADL5504.
However, in terms of the logarithmic slope, the amount by
which the output VLOG changes for each decibel of input change
(voltage or power), is, in principle, independent of waveform or
termination impedance. In practice, it usually falls off at higher
frequencies because of the declining gain of the amplifier stages
and other effects in the detector cells. For the ADL5506, the
slope at 30 MHz is 18.8 mV/dB and falls slightly as frequency
increases to about 16.7 mV/dB at 4.5 GHz. These values are
sensibly independent of temperature and almost completely
unaffected by supply voltages of 2.7 V to 5.5 V.
Figure 41. Block Schematic
10dB
DET
10dB
DET
10dB
DET
10dB
DET
DET
+
–
CFLT
RFIN
COMM
OFFSET
COMPENSATION
V-I
BAND-GAP
REFERENCE
ENBL
VPOS
I-V
VLOG
ADL5506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com